Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9ZXL0831 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 9ZXL0831
Description  8-OUTPUT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL0831 Datasheet(HTML) 5 Page - Integrated Device Technology

  9ZXL0831 Datasheet HTML 1Page - Integrated Device Technology 9ZXL0831 Datasheet HTML 2Page - Integrated Device Technology 9ZXL0831 Datasheet HTML 3Page - Integrated Device Technology 9ZXL0831 Datasheet HTML 4Page - Integrated Device Technology 9ZXL0831 Datasheet HTML 5Page - Integrated Device Technology 9ZXL0831 Datasheet HTML 6Page - Integrated Device Technology 9ZXL0831 Datasheet HTML 7Page - Integrated Device Technology 9ZXL0831 Datasheet HTML 8Page - Integrated Device Technology 9ZXL0831 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
9ZXL0831
8-OUTPUT DB800ZL
IDT®
8-OUTPUT DB800ZL
5
9ZXL0831
REV E 081616
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 9ZXL0831. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over
the recommended operating temperature range.
Electrical Characteristics–DIF_IN Clock Input Parameters (HCSL-compatible)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
3.3V Supply Voltage
VDD, VDDA,
VDDR
VDD for core logic and PLL
4.6
V
1,2
Input Low Voltage
VIL
GND-0.5
V
1
Input High Voltage
VIH
Except for SMBus interface
VDD+0.5V
V
1
Input High Voltage
VIHSMB
SMBus clock and data pins
5.5V
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
TA = TCOM; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input Crossover Voltage -
DIF_IN
VCROSS
Cross Over Voltage
150
900
mV
1
Input Swing - DIF_IN
VSWING
Differential value
300
mV
1
Input Slew Rate - DIF_IN
dv/dt
Measured differentially
0.4
8
V/ns
1,2
Input Leakage Current
IIN
VIN = VDD , VIN = GND
-5
5
uA
Input Duty Cycle
dtin
Measurement from differential wavefrom
45
55
%
1
Input Jitter - Cycle to Cycle
JDIFIn
Differential Measurement
0
125
ps
1
1 Guaranteed by design and characterization, not 100% tested in production.
2Slew rate measured through +/-75mV window centered around differential zero


Similar Part No. - 9ZXL0831

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL0831 IDT-9ZXL0831 Datasheet
349Kb / 18P
   Low-power push-pull outputs
logo
Renesas Technology Corp
9ZXL0831 RENESAS-9ZXL0831 Datasheet
555Kb / 19P
   8-OUTPUT DB800ZL
REV E 081616
9ZXL0831AKLF RENESAS-9ZXL0831AKLF Datasheet
555Kb / 19P
   8-OUTPUT DB800ZL
REV E 081616
9ZXL0831AKLFT RENESAS-9ZXL0831AKLFT Datasheet
555Kb / 19P
   8-OUTPUT DB800ZL
REV E 081616
logo
Integrated Device Techn...
9ZXL0831E IDT-9ZXL0831E Datasheet
273Kb / 18P
   8-Output DB800ZL for PCIe Gen1?? and QPI/UPI
More results

Similar Description - 9ZXL0831

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9ZXL0831 RENESAS-9ZXL0831 Datasheet
555Kb / 19P
   8-OUTPUT DB800ZL
REV E 081616
logo
Integrated Device Techn...
IDT5V928 IDT-IDT5V928 Datasheet
48Kb / 6P
   8 OUTPUT CLOCK GENERATOR
logo
National Semiconductor ...
DAC0854 NSC-DAC0854 Datasheet
269Kb / 14P
   8-Bit Voltage-Output
logo
STMicroelectronics
H3LIS100DL STMICROELECTRONICS-H3LIS100DL Datasheet
666Kb / 38P
   8-bit data output
April 2015 Rev 2
logo
Power Mate Technology C...
FKC08-24S3P3W P-DUKE-FKC08-24S3P3W Datasheet
302Kb / 3P
   8 WATTS OUTPUT POWER
logo
Amphenol Corporation
NPX-SPI AMPHENOL-NPX-SPI Datasheet
133Kb / 4P
   8-bit calibrated output
logo
Integrated Device Techn...
9SQL4958 IDT-9SQL4958 Datasheet
318Kb / 20P
   8-output CK420BQ Derivative
logo
RSG Electronic Componen...
FKC08 RSG-FKC08 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FKC08-12S33 P-DUKE-FKC08-12S33 Datasheet
283Kb / 3P
   8 WATTS OUTPUT POWER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com