Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9ZXL1251 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9ZXL1251
Description  12-output DB1200ZL Derivative with Integrated 85ohm Terminations
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1251 Datasheet(HTML) 3 Page - Integrated Device Technology

  9ZXL1251 Datasheet HTML 1Page - Integrated Device Technology 9ZXL1251 Datasheet HTML 2Page - Integrated Device Technology 9ZXL1251 Datasheet HTML 3Page - Integrated Device Technology 9ZXL1251 Datasheet HTML 4Page - Integrated Device Technology 9ZXL1251 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1251 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1251 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1251 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1251 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REVISION B 11/20/15
3
12-OUTPUT DB1200ZL DERIVATIVE WITH INTEGRATED 85Ω TERMINATIONS
9ZXL1251 DATASHEET
PLL Operating Mode Readback Table
PLL Operating Mode
9ZXL1251 SMBus Addressing
HiBW_BypM_LoBW#
Byte0, bit 7
Byte 0, bit 6
Low (Low BW)
0
0
Mid (Bypass)
0
1
High (High BW)
1
1
HiBW_BypM_LoBW#
MODE
Low
PLL Lo BW
Mid
Bypass
High
PLL Hi BW
NOTE: PLL is OFF in Bypass Mode
SMB_A1_tri
SMB_A0_tri
SMBus Address
0
0
D8
0M
DA
0
1
DE
M0
C2
M
M
C4
M
1
C6
1
0
CA
1
M
CC
11
CE
Pin


Similar Part No. - 9ZXL1251

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1251 IDT-9ZXL1251 Datasheet
377Kb / 20P
   Space-saving 64-pin VFQFPN package
logo
Renesas Technology Corp
9ZXL1251 RENESAS-9ZXL1251 Datasheet
659Kb / 18P
   12-Output DB1200ZL Derivative with Integrated 85Ω Terminations
January 28, 2021
9ZXL1251AKILF RENESAS-9ZXL1251AKILF Datasheet
659Kb / 18P
   12-Output DB1200ZL Derivative with Integrated 85Ω Terminations
January 28, 2021
9ZXL1251AKILFT RENESAS-9ZXL1251AKILFT Datasheet
659Kb / 18P
   12-Output DB1200ZL Derivative with Integrated 85Ω Terminations
January 28, 2021
9ZXL1251AKLF RENESAS-9ZXL1251AKLF Datasheet
659Kb / 18P
   12-Output DB1200ZL Derivative with Integrated 85Ω Terminations
January 28, 2021
More results

Similar Description - 9ZXL1251

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9ZXL1251 RENESAS-9ZXL1251 Datasheet
659Kb / 18P
   12-Output DB1200ZL Derivative with Integrated 85Ω Terminations
January 28, 2021
9ZXL0651 RENESAS-9ZXL0651 Datasheet
634Kb / 15P
   6-Output DB800ZL Derivative with Integrated 85ohm Terminations
January 28, 2021
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
logo
Renesas Technology Corp
9ZXL0851 RENESAS-9ZXL0851 Datasheet
634Kb / 16P
   8-Output DB800ZL Derivative with Integrated 85Ω Terminations
February 6, 2023
logo
Integrated Device Techn...
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
   12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1231 IDT-9ZXL1231_16 Datasheet
193Kb / 18P
   12-output DB1200ZL
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4
logo
Renesas Technology Corp
9ZXL1231 RENESAS-9ZXL1231 Datasheet
388Kb / 19P
   12-output DB1200ZL
05/25/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com