Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9ZXL1530 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9ZXL1530
Description  15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1530 Datasheet(HTML) 1 Page - Integrated Device Technology

  9ZXL1530_15 Datasheet HTML 1Page - Integrated Device Technology 9ZXL1530_15 Datasheet HTML 2Page - Integrated Device Technology 9ZXL1530_15 Datasheet HTML 3Page - Integrated Device Technology 9ZXL1530_15 Datasheet HTML 4Page - Integrated Device Technology 9ZXL1530_15 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1530_15 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1530_15 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1530_15 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1530_15 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DATASHEET
15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
9ZXL1530
IDT®
15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
1
9ZXL1530
REV D 112015
Description
The 9ZXL1530 is a 15-output version of the Intel DB1900Z
Differential Buffer utilizing Low-Power HCSL (LP-HCSL)
outputs to reduce power consumption more than 50% from
the original IDT9ZX21501. It is suitable for PCI-Express
Gen1/2/3 or QPI/UPI applications, and uses a fixed external
feedback to maintain low drift for demanding QPI/UPI
applications.
Recommended Application
Buffer for Romley, Grantley and Purley Servers
Key Specifications
Cycle-to-cycle jitter: < 50ps
Output-to-output skew: <65ps
Input-to-output delay: Fixed at 0 ps
Input-to-output delay variation: <50ps
Phase jitter: PCIe Gen3 < 1ps rms
Phase jitter: QPI 9.6GB/s < 0.2ps rms
Features/Benefits
Fixed feedback path; 0ps input-to-output delay
9 Selectable SMBus addresses; Multiple devices can
share same SMBus segment
Separate VDDIO for outputs; allows maximum power
savings
PLL or bypass mode; PLL can dejitter incoming clock
Selectable PLL BW; minimizes jitter peaking in
downstream PLL's
Spread spectrum compatible; tracks spreading input
clock for EMI reduction
SMBus Interface; unused outputs can be disabled
100MHz & 133.33MHz PLL mode; Legacy QPI/UPI
support
Differential outputs are Low/Low in power down;
Maximum power savings
Output Features
15 - LP-HCSL Differential Output Pairs
Block Diagram
Logic
DIF(14:0)
HIBW_BYPM_LOBW#
SMBDAT
SMBCLK
CKPWRGD/PD#
SMB_A0_tri
SMB_A1_tri
100M_133M#
Z-PLL
(SS Compatible)
FBOUT_NC
DIF_IN
DIF_IN#


Similar Part No. - 9ZXL1530_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9ZXL1530BKLF RENESAS-9ZXL1530BKLF Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
9ZXL1530BKLFT RENESAS-9ZXL1530BKLFT Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
logo
Integrated Device Techn...
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1530DKILF IDT-9ZXL1530DKILF Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9ZXL1530DKILF RENESAS-9ZXL1530DKILF Datasheet
1Mb / 35P
   15 to 19-Output Buffers for PCIe Gen1–5 and UPI
August 25, 2020
More results

Similar Description - 9ZXL1530_15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1550 IDT-9ZXL1550_15 Datasheet
301Kb / 18P
   15-output DB1900Z Low-Power Derivative
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
logo
Integrated Device Techn...
9ZXL1930 IDT-9ZXL1930_15 Datasheet
231Kb / 18P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
logo
Integrated Device Techn...
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com