Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

841N254B Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 841N254B
Description  FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

841N254B Datasheet(HTML) 4 Page - Integrated Device Technology

  841N254B Datasheet HTML 1Page - Integrated Device Technology 841N254B Datasheet HTML 2Page - Integrated Device Technology 841N254B Datasheet HTML 3Page - Integrated Device Technology 841N254B Datasheet HTML 4Page - Integrated Device Technology 841N254B Datasheet HTML 5Page - Integrated Device Technology 841N254B Datasheet HTML 6Page - Integrated Device Technology 841N254B Datasheet HTML 7Page - Integrated Device Technology 841N254B Datasheet HTML 8Page - Integrated Device Technology 841N254B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
©2016 Integrated Device Technology, Inc.
Revision B, May 23, 2016
841N254B Datasheet
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only. Functional operation of the product at these conditions or any conditions beyond those listed in the DC Characteristics or
AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = VDDOA = VDDOB = 3.3V±5% or 2.5V±5%, TA = -40°C to 85°C
Table 4B. LVCMOS/LVTTL Input DC Characteristics, VDD = VDDOA = VDDOB = 3.3V±5% or 2.5V±5%, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VDD
3.6V
Inputs, VI
XTAL_IN
Other Inputs
0V to 2V
-0.5V to VDD + 0.5V
Outputs, VO (HCSL)
-0.5V to VDD + 0.5V
Outputs, IO (LVDS)
Continuous Current
Surge Current
10mA
15mA
Package Thermal Impedance,
JA
37.7°C/W (0 mps)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
3.135
3.3
3.465
V
2.375
2.5
2.625
V
VDDA
Analog Supply Voltage
VDD – 0.30
3.3
VDD
V
VDD – 0.30
2.5
VDD
V
VDDOA&B Output Supply Voltage
3.135
3.3
3.465
V
2.375
2.5
2.625
V
IDDA
Analog Supply Current
30
mA
IDD
Power Supply Current
113
mA
IDDOA&B
Output Supply Current
72
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
VDD = 3.3V
2
VDD + 0.3
V
VDD = 2.5V
1.7
VDD + 0.3
V
VIL
Input Low Voltage
VDD = 3.3V
-0.3
0.8
V
VDD = 2.5V
-0.3
0.7
V
IIH
Input High
Current
nOEA, nOEB,
BYPASS, REF_SEL,
REF_CLK, F_SEL[1:0]
VDD = VIN = 2.625V or 3.465V
150
µA
IIL
Input Low
Current
nOEA, nOEB,
BYPASS, REF_SEL,
REF_CLK, F_SEL[1:0]
VDD = 2.625V or 3.465V,
VIN = 0V
-5
µA


Similar Part No. - 841N254B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
841N254B IDT-841N254B Datasheet
542Kb / 25P
   FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
logo
Renesas Technology Corp
841N254B RENESAS-841N254B Datasheet
950Kb / 25P
   FemtoClock® NG Crystal-to-LVDS/ HCSL Clock Synthesizer
February 2, 2023
logo
Integrated Device Techn...
841N254BKILF IDT-841N254BKILF Datasheet
542Kb / 25P
   FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
logo
Renesas Technology Corp
841N254BKILF RENESAS-841N254BKILF Datasheet
950Kb / 25P
   FemtoClock® NG Crystal-to-LVDS/ HCSL Clock Synthesizer
February 2, 2023
logo
Integrated Device Techn...
841N254BKILFT IDT-841N254BKILFT Datasheet
542Kb / 25P
   FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
More results

Similar Description - 841N254B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
841N254B IDT-841N254B_18 Datasheet
542Kb / 25P
   FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
logo
Renesas Technology Corp
841N254B RENESAS-841N254B Datasheet
950Kb / 25P
   FemtoClock® NG Crystal-to-LVDS/ HCSL Clock Synthesizer
February 2, 2023
logo
Integrated Device Techn...
844N255I IDT-844N255I Datasheet
697Kb / 22P
   FemtoClock NG Crystal-to-LVDS Clock Synthesizer
logo
Renesas Technology Corp
844N255I RENESAS-844N255I Datasheet
894Kb / 23P
   FemtoClock® NG Crystal-to-LVDS Clock Synthesizer
April 28, 2016
logo
Integrated Device Techn...
ICS841N254I IDT-ICS841N254I Datasheet
478Kb / 23P
   FEMTOCLOCK짰 NG Crystal-to-LVDS/HCSL Clock Synthesizer
841N4830 IDT-841N4830_16 Datasheet
491Kb / 28P
   FemtoClock NG Crystal-to-HCSL Frequency Synthesizer
logo
Renesas Technology Corp
841602 RENESAS-841602 Datasheet
694Kb / 18P
   FemtoClock NG Crystal-to-HCSL Clock Generator
2019
logo
Integrated Device Techn...
841602 IDT-841602 Datasheet
418Kb / 17P
   FemtoClock NG Crystal-to-HCSL Clock Generator
841604 IDT-841604 Datasheet
414Kb / 17P
   FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841N4830 RENESAS-841N4830 Datasheet
996Kb / 29P
   FemtoClock® NG Crystal-to-HCSL Frequency Synthesizer
Revision F, May 23, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com