Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

853S011B Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 853S011B
Description  Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

853S011B Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 853S011B Datasheet HTML 2Page - Integrated Device Technology 853S011B Datasheet HTML 3Page - Integrated Device Technology 853S011B Datasheet HTML 4Page - Integrated Device Technology 853S011B Datasheet HTML 5Page - Integrated Device Technology 853S011B Datasheet HTML 6Page - Integrated Device Technology 853S011B Datasheet HTML 7Page - Integrated Device Technology 853S011B Datasheet HTML 8Page - Integrated Device Technology 853S011B Datasheet HTML 9Page - Integrated Device Technology 853S011B Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
©2016 Integrated Device Technology, Inc.
Revision B, February 23, 2016
853S011B Datasheet
AC Electrical Characteristics
Table 4. AC Characteristics, VCC = -3.8V to -2.375V or , VCC = VCCO = 2.375V to 3.8V; VEE = 0V,
TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE: All parameters are measured at f
 1.7GHz, unless otherwise noted.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the output differential
cross points.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions. Using
the same type of inputs on each device, the outputs are measured at the differential cross points.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
-40°C
25°C
85°C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Output Frequency
>2.5
>2.5
>2.5
GHz
tPD
Propagation Delay; NOTE 1
195
330
210
340
215
355
ps
tsk(o)
Output Skew; NOTE 2, 4
5
20
5
20
5
20
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
130
130
130
ps
tjit
Buffer Additive Phase Jitter,
RMS; refer to Additive Phase
Jitter Section
0.026
0.026
0.026
ps
tR / tF
Output
Rise/Fall Time
20% to 80%
70
250
80
250
90
250
ps
odc
Output Duty Cycle; f
 750MHz
48
50
52
48
50
52
48
50
52
%


Similar Part No. - 853S011B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
853S011B RENESAS-853S011B Datasheet
848Kb / 21P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 23, 2016
logo
Integrated Device Techn...
853S011BGILF IDT-853S011BGILF Datasheet
315Kb / 20P
   LVPECL/ ECL Fanout Buffer
logo
Renesas Technology Corp
853S011BGILF RENESAS-853S011BGILF Datasheet
848Kb / 21P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 23, 2016
logo
Integrated Device Techn...
853S011BGILFT IDT-853S011BGILFT Datasheet
315Kb / 20P
   LVPECL/ ECL Fanout Buffer
logo
Renesas Technology Corp
853S011BGILFT RENESAS-853S011BGILFT Datasheet
848Kb / 21P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 23, 2016
More results

Similar Description - 853S011B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
85311I RENESAS-85311I Datasheet
628Kb / 18P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
logo
Integrated Device Techn...
853S011BMILF IDT-853S011BMILF Datasheet
830Kb / 20P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
ICS853S011CI RENESAS-ICS853S011CI Datasheet
746Kb / 20P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
JULY 16, 2013
853S011B RENESAS-853S011B Datasheet
848Kb / 21P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 23, 2016
logo
Integrated Circuit Syst...
ICS85311 ICST-ICS85311 Datasheet
168Kb / 13P
   Low Skew, 1-to-2 Differential-to-2.5V/3.3V ECL/LVPECL Fanout Buffer
logo
Renesas Technology Corp
85311 RENESAS-85311 Datasheet
626Kb / 17P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
logo
Integrated Circuit Syst...
ICS853011C ICST-ICS853011C Datasheet
230Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com