Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8413S12BKI-100LFT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 8413S12BKI-100LFT
Description  Clock Generator for Cavium Processors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8413S12BKI-100LFT Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 8413S12BKI-100LFT Datasheet HTML 2Page - Integrated Device Technology 8413S12BKI-100LFT Datasheet HTML 3Page - Integrated Device Technology 8413S12BKI-100LFT Datasheet HTML 4Page - Integrated Device Technology 8413S12BKI-100LFT Datasheet HTML 5Page - Integrated Device Technology 8413S12BKI-100LFT Datasheet HTML 6Page - Integrated Device Technology 8413S12BKI-100LFT Datasheet HTML 7Page - Integrated Device Technology 8413S12BKI-100LFT Datasheet HTML 8Page - Integrated Device Technology 8413S12BKI-100LFT Datasheet HTML 9Page - Integrated Device Technology 8413S12BKI-100LFT Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
©2016 Integrated Device Technology, Inc.
October 4, 2016
8413S12I-100 Data Sheet
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = 3.3V ± 5%, VDDO_[A:E] = VDDO_[F:G] = VDDO_QREF = 3.3V ± 5%,
TA = -40°C to 85°C
NOTE: VDDO_X denotes VDDO_[A:E], VDDO_[F:G}, VDDO_QREF.
NOTE: IDDO_X denotes IDDO_[A:E], IDDO_[F:G], IDDO_QREF
Table 4B. Power Supply DC Characteristics, VDD = 3.3V ± 5%, VDDO_G = VDDO_QREF = 2.5V ± 5%, TA = -40°C to 85°C
NOTE: VDDO_X denotes VDDO_G, VDDO_QREF.
NOTE: IDDO_X denotes IDDO_G, IDDO_QREF.
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
XTAL_IN
Other Inputs
0V to VDD
-0.5V to VDD + 0.5V
Outputs, VO
-0.5V to VDD + 0.5V
Package Thermal Impedance,
JA
25.4°C/W (0 mps)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDA
Analog Supply Voltage
VDD 0.16
3.3
VDD
V
VDDO_X
Output Supply Voltage
3.135
3.3
3.465
V
IDD
Power Supply Current
86
103
mA
IDDA
Analog Supply Current
13
16
mA
IDDO_X
Output Supply Current
No Load, CLK selected
76
91
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDA
Analog Supply Voltage
VDD 0.16
3.3
VDD
V
VDDO_X
Output Supply Voltage
2.375
2.5
2.625
V
IDD
Power Supply Current
79
95
mA
IDDA
Analog Supply Current
13
16
mA
IDDO_X
Output Supply Current
No Load, CLK selected
50
60
mA


Similar Part No. - 8413S12BKI-100LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8413S12BKI-100LFT RENESAS-8413S12BKI-100LFT Datasheet
1Mb / 34P
   Clock Generator for Cavium Processors
October 4, 2016
More results

Similar Description - 8413S12BKI-100LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V41N010 RENESAS-8V41N010 Datasheet
897Kb / 27P
   Clock Generator for Cavium Processors
06/30/15
ICS8430S10I RENESAS-ICS8430S10I Datasheet
1Mb / 30P
   Clock Generator for Cavium Processors
2011
logo
Integrated Device Techn...
8V41N010I IDT-8V41N010I Datasheet
533Kb / 26P
   Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N012A RENESAS-8V41N012A Datasheet
1Mb / 35P
   Clock Generator for Cavium Processors
October 11, 2019
logo
Integrated Device Techn...
ICS840S06I IDT-ICS840S06I Datasheet
749Kb / 20P
   CLOCK GENERATOR FOR CAVIUM PROCESSORS
logo
Renesas Technology Corp
8413S06 RENESAS-8413S06 Datasheet
1Mb / 31P
   Clock Generator for Cavium Processors
REVISION C 03/06/15
8430S10I-02 RENESAS-8430S10I-02 Datasheet
840Kb / 32P
   Clock Generator for Cavium Processors
October 4, 2016
ICS8430S10I-03 RENESAS-ICS8430S10I-03 Datasheet
830Kb / 32P
   Clock Generator for Cavium Processors
October 5, 2016
ICS8430S803I RENESAS-ICS8430S803I Datasheet
1Mb / 31P
   Clock Generator for Cavium Processors
MARCH 28, 2011
logo
Integrated Device Techn...
8V41N012 IDT-8V41N012 Datasheet
840Kb / 31P
   Clock Generator for Cavium Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com