Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8401A-IP Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CS8401A-IP
Description  Digital Audio Interface Transmitter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8401A-IP Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CS8401A-IP Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 9Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 10Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 11Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 12Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 13Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 14Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
MSB last mode, or by restricting the number of
SCK periods between samples to the sample
word length. The 16-, 18-, and 20-bit LSB-last
modes require at least 16, 18, or 20 SCK periods
per sample respectively. As a master, 32 SCK pe-
riods are output per sample.
FSYNC must be derived from MCK via a DSP
using the same clock or by external counters. If
FSYNC moves (jitters) with respect to MCK by
more than 4 MCK periods, the CS8401A may
reset the channel status block and flags. Appen-
dix C contains mo re information on the
relationship of FSYNC and MCK.
Buffer Memory
In all buffer modes, the status register and con-
trol registers are located at addresses 0-3
respectively, and the user data is buffered in lo-
cations 4-7. The parallel port can access any
location in the user data buffer at any time; how-
ever, care must be taken not to modify a location
when that location is being read internally. This
internal reading is done through the second port
of the buffer and is done in a cyclic manner.
Reset in itializes th e internal pointer to
04H (Hex). Data is read from this location and
stored in an 8-bit shift register which is shifted
once per audio sample. (An audio sample is de-
fined as a single channel, not a stereo pair.) The
byte is transmitted LSB first, D0 being the first
bit. After transmitting 8 samples, i.e. 8 user bits,
the address pointer is incremented and the next
byte of user data is loaded into the shift register.
After transmitting all four bytes, 32 audio sam-
210 (bit)
000
001
010
100
110
FSF
00
01
10
11
00
01
10
11
MSTR
0
0
0
0
1
1
1
1
MSB First
MSB Last
LSB Last 16
LSB Last 18
LSB Last 20
FSYNC Input
FSYNC Input
FSYNC Input
FSYNC Input
FSYNC Output
FSYNC Output
FSYNC Output
FSYNC Output
Name
LSB
MSB
LSB
MSB
LSB
LSB
LSB
MSB
LSB
MSB
LSB
LSB
MSB
LSB
MSB
MSB
LSB
MSB
LSB
MSB
MSB
LSB
MSB
LSB
MSB
16 Bits
18 Bits
20 Bits
18 Bits
16 Bits
Left Sample
Right Sample
20 Bits
16 Clocks
16 Clocks
16 Clocks
16 Clocks
32 Clocks
32 Clocks
32 Clocks
32 Clocks
10 (bit)
SDF
24 bits, incl. Aux
24 bits, incl. Aux
24 bits, incl. Aux
24 bits, incl. Aux
Figure 10. CS8401A Serial Port SDATA and FSYNC Timing
CS8401A
DS60F1
11


Similar Part No. - CS8401A-IP

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CS8402 PULSE-CS8402 Datasheet
81Kb / 2P
   TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
CS8403 PULSE-CS8403 Datasheet
81Kb / 2P
   TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
CS8404 PULSE-CS8404 Datasheet
81Kb / 2P
   TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
logo
List of Unclassifed Man...
CS8404A-CS ETC2-CS8404A-CS Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Cirrus Logic
CS8405 CIRRUS-CS8405 Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
More results

Similar Description - CS8401A-IP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
   DIGITAL AUDIO INTERFACE TRANSMITTER
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020_10 Datasheet
214Kb / 14P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
April 2010
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
STA020 STMICROELECTRONICS-STA020 Datasheet
94Kb / 12P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
logo
Cirrus Logic
CS8406 CIRRUS-CS8406 Datasheet
629Kb / 43P
   192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
   96 kHz Digital Audio Interface Transmitter
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
logo
ADTech
ADT5116TA ADTECH-ADT5116TA Datasheet
84Kb / 2P
   transmitter IC for digital audio interface
logo
Cirrus Logic
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com