Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS28C36 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS28C36
Description  FIPS 180 SHA-256 Compute Engine
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28C36 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS28C36 Datasheet HTML 1Page - Maxim Integrated Products DS28C36 Datasheet HTML 2Page - Maxim Integrated Products DS28C36 Datasheet HTML 3Page - Maxim Integrated Products DS28C36 Datasheet HTML 4Page - Maxim Integrated Products DS28C36 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Voltage Range on Any Pin Relative to GND..........-0.5V to 4.0V
Maximum Current into Any Pin...........................................20mA
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -55°C to +125°C
Lead temperature (soldering, 10s) ..................................+300°C
Soldering Temperature (reflow)...................................... +260°C
Electrical Characteristics
(TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
2.97
3.3
3.63
V
Active Supply Current
ICC
(Note 2)
300
µA
Standby Supply Current
ICCS
250
µA
Computation Current
ICMP
Refer to the full data sheet
mA
GPIO
Output Low
PIOVOL
0.4
V
Input Low
PIOVIL
-0.3
VCC x
0.3V
V
Input High
PIOVIH
VCC +
0.7V
VCC +
0.3V
V
Leakage current
IL
-10
10
µA
ECC ENGINE
Generate ECDSA Signature Time
tGES
Refer to the full data sheet
ms
Generate ECC Key Pair
tGKP
ms
Verify ECDSA Signature or Compute
ECDH Time
tVES
ms
SHA-256 ENGINE
Computation Time (HMAC or RNG)
tCMP
Refer to the full data sheet
ms
EEPROM
W/E Endurance
NCY
TA = +25°C (Notes 4, 5)
100K
Read Memory Time
tRM
1
ms
Write Memory Time
tWM
Refer to the full data sheet
ms
Data Retention
tDR
TA = +85°C (Notes 6, 7)
10
years
I2C SCL AND SDA PINS (Note 8)
Low-Level Input Voltage
VIL
-0.3
0.15 ×
VCC
V
High-Level Input Voltage
VIH
0.7 ×
VCC
VCC +
0.3V
V
Hysteresis of Schmitt Trigger Inputs
VHYS
(Note 9)
0.05 ×
VCC
V
Low-Level Output Voltage at 4mA Sink
Current
VOL
0.4
V
DS28C36
DeepCover Secure Authenticator
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
ABRIDGED DATA SHEET


Similar Part No. - DS28C36

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28C36 MAXIM-DS28C36 Datasheet
313Kb / 7P
   DeepCover Secure Authenticator
19-8564; Rev 3; 12/20
DS28C36BQ+T MAXIM-DS28C36BQ+T Datasheet
313Kb / 7P
   DeepCover Secure Authenticator
19-8564; Rev 3; 12/20
DS28C36EVKIT MAXIM-DS28C36EVKIT Datasheet
908Kb / 3P
   DS28C36 Evaluation System
2018
DS28C36EVKIT# MAXIM-DS28C36EVKIT# Datasheet
908Kb / 3P
   DS28C36 Evaluation System
2018
DS28C36 MAXIM-DS28C36_V01 Datasheet
313Kb / 7P
   DeepCover Secure Authenticator
19-8564; Rev 3; 12/20
More results

Similar Description - DS28C36

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
REFD5822 MAXIM-REFD5822 Datasheet
556Kb / 6P
   Alcatraz (MAXREFDES34#): SHA-256 Secure Authentication Design
Feb 12, 2014
DS28CN01 MAXIM-DS28CN01_09 Datasheet
116Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
logo
Dallas Semiconductor
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
logo
Maxim Integrated Produc...
DS28CN01 MAXIM-DS28CN01 Datasheet
137Kb / 9P
   1Kbit I짼C/SMBus EEPROM with SHA-1 Engine
REV: 061907
DS28CN01_0911 MAXIM-DS28CN01_0911 Datasheet
139Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 2; 11/09
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
092302
logo
Texas Instruments
TMP1827 TI-TMP1827_V01 Datasheet
2Mb / 65P
[Old version datasheet]   TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
EVISED MAY 2023
logo
Maxim Integrated Produc...
DS1964S MAXIM-DS1964S Datasheet
599Kb / 13P
   DeepCover Secure Authenticator iButton with SHA-256
Rev 0; 6/18
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com