Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2880 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2880
Description  Cycle Slip Reduction and Fast Lock
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2880 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2880 Datasheet HTML 3Page - Maxim Integrated Products MAX2880 Datasheet HTML 4Page - Maxim Integrated Products MAX2880 Datasheet HTML 5Page - Maxim Integrated Products MAX2880 Datasheet HTML 6Page - Maxim Integrated Products MAX2880 Datasheet HTML 7Page - Maxim Integrated Products MAX2880 Datasheet HTML 8Page - Maxim Integrated Products MAX2880 Datasheet HTML 9Page - Maxim Integrated Products MAX2880 Datasheet HTML 10Page - Maxim Integrated Products MAX2880 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PIN
NAME
FUNCTION
1
GND_CP
Charge-Pump Ground. Connect to board ground, not to the paddle.
2
GND_SD
Sigma Delta Modulator Ground. Connect to board ground, not to the paddle.
3
GND_PLL
PLL Ground. Connect to board ground, not to the paddle.
4
RFINP
Positive RF Input to Prescaler. AC ground through capacitor, if not used.
5
RFINN
Negative RF Input to Prescaler. Connect to VCO output through coupling capacitor.
6
VCC_PLL
PLL Power Supply. Place decoupling capacitors as close as possible to pin.
7
VCC_REF
REF Power Supply. Place decoupling capacitors as close as possible to pin.
8
REF
Reference Frequency Input. This is a high-impedance input with a nominal bias voltage of
VCC_REF/2. AC-couple to reference signal.
9, 10
GND
Ground. Connect to the board ground, not the paddle.
11
CE
Chip Enable. A logic-low powers the device down.
12
CLK
Serial Clock Input. The data is latched into the 32-bit shift register on the rising edge of the CLK line.
13
DATA
Serial Data Input. The serial data is loaded MSB first. The 3 LSBs identify the register address.
14
LE
Load Enable Input. When LE goes high the data stored in the shift register is loaded into the
appropriate register.
15
MUX
Multiplexed I/O. See Table 5.
16
VCC_RF
RF Power Supply. Place decoupling capacitors as close as possible to pin.
17
VCC_SD
Sigma Delta Modulator Power Supply. Place decoupling capacitors as close as possible to pin.
18
VCP
Charge-Pump Power Supply. Place decoupling capacitors as close as possible to the pin.
19
RSET
Charge-Pump Current Range Input. Connect an external resistor to ground to set the minimum CP
current. ICP = 1.63/RSET x (1 + CP).
20
CP
Charge-Pump Output. Connect to external loop filter input.
EP
Exposed Pad. Connect to board ground.
VCP
RSET
CP
GND
REF
VCC_REF
VCC_PLL
+
VCC_SD
GND
VCC_RF
TQFN
4mm × 4mm
MAX2880
TOP VIEW
10
9
8
7
6
11
12
13
14
15
5
4
3
2
1
16
17
18
19
20
EP
MAX2880
250MHz to 12.4GHz, High-Performance,
Fractional/Integer-N PLL
www.maximintegrated.com
Maxim Integrated │ 7
Pin Description
Pin Configuration


Similar Part No. - MAX2880

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2880ETP++ MAXIM-MAX2880ETP+ Datasheet
702Kb / 19P
   250MHz to 12.4GHz, High-Performance, Fractional/Integer-N PLL
2018
MAX2880EVKIT MAXIM-MAX2880EVKIT Datasheet
1Mb / 11P
   Easy Evaluation of the MAX2880
2019
MAX2880 MAXIM-MAX2880_V01 Datasheet
702Kb / 19P
   250MHz to 12.4GHz, High-Performance, Fractional/Integer-N PLL
2018
More results

Similar Description - MAX2880

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P623S00A ALSC-ASM3P623S00A Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
logo
ATMEL Corporation
U6084B ATMEL-U6084B_05 Datasheet
233Kb / 11P
   PWM Power Control with Automatic Duty-cycle Reduction
U6084B ATMEL-U6084B Datasheet
183Kb / 10P
   PWM Power Control with Automatic Duty-cycle Reduction
logo
TEMIC Semiconductors
U6084B TEMIC-U6084B Datasheet
141Kb / 8P
   PWM Power Control with Automatic Duty Cycle Reduction
logo
Micross Components
MT4C4001J MICROSS-MT4C4001J Datasheet
814Kb / 21P
   FAST PAGE MODE access cycle
logo
Integrated Silicon Solu...
IS41LV44052B ISSI-IS41LV44052B Datasheet
314Kb / 17P
   Fast Page Mode Access Cycle
logo
Maxim Integrated Produc...
MAX20446CEVKIT MAXIM-MAX20446CEVKIT Datasheet
672Kb / 13P
   Demonstrates Cycle-by-Cycle Current Limit and Thermal-Shutdown Features
Rev 0; 2/21
logo
Copal Electronics
PLR20-8101 COPAL-PLR20-8101 Datasheet
92Kb / 2P
   SLIP RINGS
logo
Maxim Integrated Produc...
MAX20446BEVKIT MAXIM-MAX20446BEVKIT Datasheet
1Mb / 14P
   Demonstrates Cycle-by-Cycle Current Limit and Thermal-Shutdown Features
Rev 0; 1/21
logo
Copal Electronics
PLR40-1000 COPAL-PLR40-1000 Datasheet
104Kb / 2P
   SLIP RINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com