Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5217EVKIT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5217EVKIT
Description  Rail-to-Rail Buffered Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5217EVKIT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5217EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX5217EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX5217EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX5217EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX5217EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX5217EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX5217EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX5217EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX5217EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Maxim Integrated │ 3
MAX5217 Evaluation Kit
Evaluates: MAX5215/MAX5217/MAX5217B
www.maximintegrated.com
6) Start the EV kit software by opening its icon in the
Start | Programs menu. The EV kit software main
windowappears,asshowninFigure2.
7) Within the
DAC group box, select the Code and Load
selection from the
Command drop-down list and drag
thescrollbartotherightuntilthedatareaches0xFFFF.
8) Verify that the DVM measured is 2.5V.
Figure 1. No USB Connection Message
Table 1. Jumper Settings (JU1–JU7)
*Default position.
JUMPER
SHUNT
POSITION
DESCRIPTION
JU1
Installed*
Connects SDA pin of the U1 IC to the on-board microcontroller.
Not installed
Disconnects SDA pin of the U1 IC to the on-board microcontroller.
JU2
Installed*
Connects SCL pin of the U1 IC to the on-board microcontroller.
Not installed
Disconnects SCL pin of the U1 IC to the on-board microcontroller.
JU3
1-2*
ConnectsADDRpinofICU1toVDDtodetermineI2C address. See Table 2.
2-3
ConnectsADDRpinofICU1toDGNDtodetermineI2C address. See Table 2.
Not installed
ADDRpinofICU1isnotconnectedtodetermineI2C address. See Table 2.
JU4
Installed*
Connects the AUX signal of the on-board microcontroller to the AUX pin of IC U1.
Not installed
Disconnects the AUX signal of the on-board microcontroller to the AUX pin of IC U1.
JU5
Installed
ConnectsloadcapacitorC25andresistorR10totheDACoutputofICU1.
Not installed*
DisconnectsloadcapacitorC25andresistorR10totheDACoutputofICU1.
JU6
1-2*
Connects the VDD pins of IC U1 to the on-board +3.3V supply.
1-3
Connects the VDD pins of IC U1 to a user-supplied power supply between +2.5V to +5.5V.
Not installed
User-supplied VDD. The user must apply a voltage at the VDD test point.
JU7
1-2*
ConnectstheREFpinofICU1totheon-board2.5Vreference(MAX6133).
2-3
ConnectstheREFpinofICU1toVDD.
Not installed
User-suppliedREF.TheusermustapplyavoltagereferenceattheREFtestpoint.


Similar Part No. - MAX5217EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5217BGUA MAXIM-MAX5217BGUA Datasheet
7Mb / 27P
   14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
MAX5217GUA MAXIM-MAX5217GUA Datasheet
7Mb / 27P
   14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
More results

Similar Description - MAX5217EVKIT

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
   Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
logo
Analog Devices
ADA4610-1 AD-ADA4610-1 Datasheet
750Kb / 25P
   Rail-to-rail output
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
SG Micro Corp
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT6230-10 LINER-LT6230-10_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com