Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11253AT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11253AT
Description  Longer Battery Life for Portable Applications
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11253AT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11253AT Datasheet HTML 1Page - Maxim Integrated Products MAX11253AT Datasheet HTML 2Page - Maxim Integrated Products MAX11253AT Datasheet HTML 3Page - Maxim Integrated Products MAX11253AT Datasheet HTML 4Page - Maxim Integrated Products MAX11253AT Datasheet HTML 5Page - Maxim Integrated Products MAX11253AT Datasheet HTML 6Page - Maxim Integrated Products MAX11253AT Datasheet HTML 7Page - Maxim Integrated Products MAX11253AT Datasheet HTML 8Page - Maxim Integrated Products MAX11253AT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
(VAVDD = 3.6V, VAVSS = 0V, VDVDD = 2.0V to 3.6V, VREFP - VREFN = VAVDD, DATA RATE = 1ksps, PGA low-noise mode, single-cycle
conversion mode (SCYCLE = 1). TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)(Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Reference Voltage
Range (REFP – REFN)
VREF
1.5
VAVDD
V
REFP, REFN Sampling Rate
4.096
MHz
SENSOR FAULT DETECT CURRENTS
Current
1.1
µA
Initial Tolerance
±10
%
Drift
0.3
%/°C
DIGITAL SINC FILTER RESPONSE
Bandwidth (-3dB)
0.203
x DATA
RATE
Hz
Settling Time (Latency)
5/DATA
RATE
s
LOGIC INPUTS
Input Current
IDIGILEAK
Leakage current
±1
µA
Input Low Voltage
VIL
0.3 x
VDVDD
V
Input High Voltage
VIH
0.7 x
VDVDD
V
Input Hysteresis
VHYS
200
mV
GPIO Input Low Voltage
VIL_GPIO
0.3
V
GPIO Input High Voltage
VIH_GPIO
1.2
V
GPIO Input Hysteresis
VHYS_GPIO
20
mV
LOGIC OUTPUTS
Output Low Level
VOL
IOL = 1mA
0.4
V
Output High Level (RDYB,
DOUT, GPIO_ )
VOH
IOH = 1mA
0.9 x
VDVDD
V
Floating State Leakage Current
IDIGOLEAK
±10
µA
Floating State Output
Capacitance
CDIGO
9
pF
POWER REQUIREMENTS
Negative Analog Supply
Voltage
VAVSS
-1.8
0
V
Positive Analog Supply Voltage
VAVDD
VAVSS
+ 2.7
VAVSS
+ 3.6
V
Negative I/O Supply Voltage
VDGND
0
V
MAX11253
16-Bit, 6-Channel, 64ksps, 6.2nV/√Hz PGA,
Delta-Sigma ADC with SPI Interface
www.maximintegrated.com
Maxim Integrated │ 5
Electrical Characteristics (continued)


Similar Part No. - MAX11253AT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11253 MAXIM-MAX11253 Datasheet
4Mb / 36P
   High-Speed USB Connector, FMC Connector, and Pmod-Style Connector
Rev 2; 4/18
MAX11253EVKIT MAXIM-MAX11253EVKIT Datasheet
4Mb / 36P
   High-Speed USB Connector, FMC Connector, and Pmod-Style Connector
Rev 2; 4/18
More results

Similar Description - MAX11253AT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11254 MAXIM-MAX11254 Datasheet
1Mb / 51P
   Longer Battery Life for Portable Applications
Rev 1; 4/15
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
   Battery-powered for portable applications
logo
TOKYO SEIMITSU CO., LTD
FTB ACCRETECH-FTB Datasheet
373Kb / 2P
   Higher speed and longer life
logo
Texas Instruments
TMS320C55X TI1-TMS320C55X_14 Datasheet
88Kb / 3P
[Old version datasheet]   Extend Battery Life in Portable Applications with the TMS320C55x??Power Optimization DSP Starter
logo
Eutech Microelectronics...
EUP8086 EUTECH-EUP8086 Datasheet
892Kb / 19P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Skyworks Solutions Inc.
AAT2556 SKYWORKS-AAT2556 Datasheet
2Mb / 27P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analogic Techn...
AAT2556 ANALOGICTECH-AAT2556 Datasheet
743Kb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Texas Instruments
BQ26231 TI-BQ26231 Datasheet
232Kb / 18P
[Old version datasheet]   LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
logo
Advanced Analog Technol...
AAT2556 AAT-AAT2556 Datasheet
2Mb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
PHOENIX CONTACT
RAD-ISM-2400-ANT-OMNI-5-0 PHOENIX-RAD-ISM-2400-ANT-OMNI-5-0 Datasheet
44Kb / 2P
   For mobile applications with a longer range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com