Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11300 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX11300
Description  Up to 20 General-Purpose Digital I/Os
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11300 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX11300 Datasheet HTML 5Page - Maxim Integrated Products MAX11300 Datasheet HTML 6Page - Maxim Integrated Products MAX11300 Datasheet HTML 7Page - Maxim Integrated Products MAX11300 Datasheet HTML 8Page - Maxim Integrated Products MAX11300 Datasheet HTML 9Page - Maxim Integrated Products MAX11300 Datasheet HTML 10Page - Maxim Integrated Products MAX11300 Datasheet HTML 11Page - Maxim Integrated Products MAX11300 Datasheet HTML 12Page - Maxim Integrated Products MAX11300 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Internal and External Temperature Sensor Specifications
(VAVDD = 4.75V to 5.25V, VDVDD = 3.3V, VAVDDIO = +12.0V, VAGND = VDGND = 0V, VAVSSIO = -2.0V, VDACREF = 2.5V, VADCREF = 2.5V
(Internal), fS = 400ksps, 10V analog input range set to range 1 (0 to +10V). TA = -40ºC to +105ºC, unless otherwise noted. Typical values
are at TA = +25ºC.) (Note 2)
Figure 2. SPI Read Timing (N = Number of Words Written; N > 1 for Burst Mode)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ACCURACY
Accuracy of Internal Sensor
(Note 6,8)
0°C ≤ TJ ≤ +80°C
±0.3
±2.0
°
C
-40°C ≤ TJ ≤ +125°C
±0.7
±5
°
C
Accuracy of External Sensor
(Note 6,8)
0°C ≤ TRJ ≤ +80°C
±0.3
±2.0
°
C
-40°C ≤ TRJ ≤ +150°C
±1.0
±5
°
C
Temperature Measurement
Resolution
0.125
°
C
External Sensor Junction Current
High
68
μA
Low
4
μA
External Sensor Junction Current
High
Series resistance cancellation mode
136
μA
Low
Series resistance cancellation mode
8
μA
D0N/D1N Voltage
Internally generated
0.5
V
CS
DIN
SCLK
DOUT
AD6
AD5
RB/W
AD0
AD1
AD2
HIGH-Z
tCSS0
tCSH0
tDS tDH
tCH tCL
tCP
D[N16-1]
D[N16-2]
D[N16-16]
D[N16-15]
D[N16-3]
D[N16-12]
HIGH-Z
tDOT
tCSS1
tCSW
tDOD
MAX11300
PIXI, 20-Port Programmable Mixed-Signal I/O with
12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
www.maximintegrated.com
Maxim Integrated │ 9


Similar Part No. - MAX11300

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11300 MAXIM-MAX11300 Datasheet
14Mb / 9P
   Internal or External Reference for ADC and DAC
Rev 2; 6/14
MAX11300 MAXIM-MAX11300 Datasheet
8Mb / 32P
   Optional 2.5V On-Board Reference (MAX6071)
Rev 1; 1/15
MAX11300 MAXIM-MAX11300 Datasheet
1,004Kb / 59P
   MAX11300/MAX11301 PIXI Configuration Software User Guide
Rev 0, 1/15
MAX11300EVKIT MAXIM-MAX11300EVKIT Datasheet
8Mb / 32P
   Optional 2.5V On-Board Reference (MAX6071)
Rev 1; 1/15
MAX11300PMB1 MAXIM-MAX11300PMB1 Datasheet
14Mb / 9P
   Internal or External Reference for ADC and DAC
Rev 2; 6/14
More results

Similar Description - MAX11300

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AT1240 BCDSEMI-AT1240 Datasheet
322Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT1140 BCDSEMI-AT1140 Datasheet
382Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT2042 BCDSEMI-AT2042 Datasheet
298Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.5pF
logo
ADL Embedded Solutions
USB-DIO-16H ADL-USB-DIO-16H Datasheet
217Kb / 4P
   16 High-Speed Digital I/Os, 18 standard I/Os, 128 kByte FIFO
logo
BCD Semiconductor Manuf...
AT1040 BCDSEMI-AT1040 Datasheet
304Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1042 BCDSEMI-AT1042 Datasheet
305Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
logo
CSB Battery Co., Ltd.
GPL121000 CSB-BATTERY-GPL121000 Datasheet
533Kb / 2P
   general purpose battery up to 10
GP12200 CSB-BATTERY-GP12200 Datasheet
529Kb / 2P
   general purpose battery up to 5
GP1222 CSB-BATTERY-GP1222 Datasheet
549Kb / 2P
   general purpose battery up to 5
GP12650 CSB-BATTERY-GP12650 Datasheet
556Kb / 2P
   general purpose battery up to 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com