Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11300 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11300
Description  Up to 20 General-Purpose Digital I/Os
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11300 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11300 Datasheet HTML 1Page - Maxim Integrated Products MAX11300 Datasheet HTML 2Page - Maxim Integrated Products MAX11300 Datasheet HTML 3Page - Maxim Integrated Products MAX11300 Datasheet HTML 4Page - Maxim Integrated Products MAX11300 Datasheet HTML 5Page - Maxim Integrated Products MAX11300 Datasheet HTML 6Page - Maxim Integrated Products MAX11300 Datasheet HTML 7Page - Maxim Integrated Products MAX11300 Datasheet HTML 8Page - Maxim Integrated Products MAX11300 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
DAC
SEQUENCER
INT
CNVT
D0N
INTERNAL
REFERENCE
ADC
2.5V
2.5V
SERIAL
INTERFACE
AND
DIGITAL
CORE
ADC
SEQUENCER
20
20
20
20
20
DAC
GPI
GPO
DOUT
CS
SCLK
DIN
EXT AND INT
TEMP SENSORS
TEMPERATURE
MONITORS
D0P
D1N
D1P
DGND
AGND
AVSSIO
DVDD DAC_REF
ADC_INT_REF ADC_EXT_REF
AVDD
AVDDIO
MAX11300
REFERENCE
MUX
(0 ≤ x ≤ 18)
PORT[x+1]
PORT[x]
AGND1
PIXI PORT
MANAGER
CLOCK
GENERATOR
MAX11300
PIXI, 20-Port Programmable Mixed-Signal I/O with
12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
www.maximintegrated.com
Maxim Integrated │ 2
Functional Diagram


Similar Part No. - MAX11300

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11300 MAXIM-MAX11300 Datasheet
14Mb / 9P
   Internal or External Reference for ADC and DAC
Rev 2; 6/14
MAX11300 MAXIM-MAX11300 Datasheet
8Mb / 32P
   Optional 2.5V On-Board Reference (MAX6071)
Rev 1; 1/15
MAX11300 MAXIM-MAX11300 Datasheet
1,004Kb / 59P
   MAX11300/MAX11301 PIXI Configuration Software User Guide
Rev 0, 1/15
MAX11300EVKIT MAXIM-MAX11300EVKIT Datasheet
8Mb / 32P
   Optional 2.5V On-Board Reference (MAX6071)
Rev 1; 1/15
MAX11300PMB1 MAXIM-MAX11300PMB1 Datasheet
14Mb / 9P
   Internal or External Reference for ADC and DAC
Rev 2; 6/14
More results

Similar Description - MAX11300

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AT1240 BCDSEMI-AT1240 Datasheet
322Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT1140 BCDSEMI-AT1140 Datasheet
382Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT2042 BCDSEMI-AT2042 Datasheet
298Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.5pF
logo
ADL Embedded Solutions
USB-DIO-16H ADL-USB-DIO-16H Datasheet
217Kb / 4P
   16 High-Speed Digital I/Os, 18 standard I/Os, 128 kByte FIFO
logo
BCD Semiconductor Manuf...
AT1040 BCDSEMI-AT1040 Datasheet
304Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1042 BCDSEMI-AT1042 Datasheet
305Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
logo
CSB Battery Co., Ltd.
GPL121000 CSB-BATTERY-GPL121000 Datasheet
533Kb / 2P
   general purpose battery up to 10
GP12200 CSB-BATTERY-GP12200 Datasheet
529Kb / 2P
   general purpose battery up to 5
GP1222 CSB-BATTERY-GP1222 Datasheet
549Kb / 2P
   general purpose battery up to 5
GP12650 CSB-BATTERY-GP12650 Datasheet
556Kb / 2P
   general purpose battery up to 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com