Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14504 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX14504
Description  Internal Shunt Switches Reduce Click/Pop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14504 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX14504 Datasheet HTML 4Page - Maxim Integrated Products MAX14504 Datasheet HTML 5Page - Maxim Integrated Products MAX14504 Datasheet HTML 6Page - Maxim Integrated Products MAX14504 Datasheet HTML 7Page - Maxim Integrated Products MAX14504 Datasheet HTML 8Page - Maxim Integrated Products MAX14504 Datasheet HTML 9Page - Maxim Integrated Products MAX14504 Datasheet HTML 10Page - Maxim Integrated Products MAX14504 Datasheet HTML 11Page - Maxim Integrated Products MAX14504 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Dual SPDT Negative Rail Analog Switches
with ±VCC Capability
8
_______________________________________________________________________________________
Test Circuits/Timing Diagrams (continued)
Pin Description
PIN
NAME
FUNCTION
A1
NO2
Analog Switch 2, Normally Open Terminal
A2
NEG
Negative Supply Voltage Output. Connect NEG to GND with a 3.3nF capacitor. Do not use NEG to
power any external circuitry.
A3
VCC
Positive Supply Voltage Input. Connect VCC to a +2.3V to +5.5V supply voltage. Bypass VCC to GND
with a 0.1µF ceramic capacitor placed as close as possible to the device.
A4
NO1
Analog Switch 1, Normally Open Terminal
B1
COM2
Analog Switch 2, Common Terminal
B2
EN
Active-Low Enable Input. Drive
EN high to put switches in a high-impedance mode. Shunt click/pop
switches are not affected by the state of
EN. The MAX14505A/MAX14506 enter a low current state
when
EN is driven high.
B3, C3
GND
Ground
B4
COM1
Analog Switch 1, Common Terminal
C1
NC2
Analog Switch 2, Normally Closed Terminal
C2
CB
Control Bit Input. CB controls switch 1 and switch 2. See the Functional Diagram/Truth Table.
C4
NC1
Analog Switch 1, Normally Closed Terminal
GND
VIL OR VIH
NC_ OR
NO_
COM_
MAX14504/
MAX14505/
MAX14505A/
MAX14506
VCC
VCC
CAPACITANCE
METER
CB
NEG
0.1
µF
f = 1MHz
CNEG
Figure 3. Channel Off-/On-Capacitance


Similar Part No. - MAX14504

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
   Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
MAX14500 MAXIM-MAX14500 Datasheet
413Kb / 41P
   Hi-Speed USB-to-SD Card Readers with Bypass
Rev 1; 4/09
MAX14500AEWN++ MAXIM-MAX14500AEWN+ Datasheet
413Kb / 41P
   Hi-Speed USB-to-SD Card Readers with Bypass
Rev 1; 4/09
MAX14500ETL++ MAXIM-MAX14500ETL+ Datasheet
413Kb / 41P
   Hi-Speed USB-to-SD Card Readers with Bypass
Rev 1; 4/09
MAX14501AEWN++ MAXIM-MAX14501AEWN+ Datasheet
413Kb / 41P
   Hi-Speed USB-to-SD Card Readers with Bypass
Rev 1; 4/09
More results

Similar Description - MAX14504

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892 Datasheet
202Kb / 9P
   Shunt Mode Audio Click-and-Pop Eliminator
Rev 0; 10/08
MAX9892 MAXIM-MAX9892_V01 Datasheet
812Kb / 7P
   Shunt Mode Audio Click-and-Pop Eliminator
19-4295; Rev 1; 12/16
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
logo
Protek Devices
PA4401 PROTEC-PA4401 Datasheet
115Kb / 7P
   Click-Pop Suppression Device
PA4402 PROTEC-PA4402 Datasheet
435Kb / 7P
   Click-Pop Suppression Device
PA4402 PROTEC-PA4402_15 Datasheet
429Kb / 7P
   CLICK-POP SUPPRESSION DEVICE
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890_V01 Datasheet
1Mb / 12P
   Audio Click-Pop Suppressor
19-2932; Rev 4; 5/17
logo
STMicroelectronics
STEVAL-CCA003V1 STMICROELECTRONICS-STEVAL-CCA003V1 Datasheet
122Kb / 4P
   Near-zero pop and click
logo
Integrated Silicon Solu...
ISIS31AP4991 ISSI-ISIS31AP4991 Datasheet
256Kb / 5P
   Near-zero click-and-pop
logo
STMicroelectronics
STEVAL-CCA008V1 STMICROELECTRONICS-STEVAL-CCA008V1 Datasheet
162Kb / 4P
   Circuit free of Pop and click
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com