Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14505 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX14505
Description  Internal Shunt Switches Reduce Click/Pop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14505 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX14505 Datasheet HTML 1Page - Maxim Integrated Products MAX14505 Datasheet HTML 2Page - Maxim Integrated Products MAX14505 Datasheet HTML 3Page - Maxim Integrated Products MAX14505 Datasheet HTML 4Page - Maxim Integrated Products MAX14505 Datasheet HTML 5Page - Maxim Integrated Products MAX14505 Datasheet HTML 6Page - Maxim Integrated Products MAX14505 Datasheet HTML 7Page - Maxim Integrated Products MAX14505 Datasheet HTML 8Page - Maxim Integrated Products MAX14505 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Dual SPDT Negative Rail Analog Switches
with ±VCC Capability
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VCC = 3.0V, TA = +25°C, unless otherwise noted.)
0.3650
0.3645
0.3640
0.3635
0.3630
-3
0
-2
-1
1
2
3
RON FLATNESS vs. VCOM
VCOM (V)
20
15
10
5
0
2.3
3.9
3.1
4.7
5.5
NC_/NO_ TURN-ON/TURN-OFF TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.0
1.5
1.0
0.5
0
MAX14504 toc05
tON
tOFF
20
15
10
5
0
-40
-15
10
35
60
85
NC_/NO_ TURN-ON/TURN-OFF TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
2.0
1.5
1.0
0.5
0
MAX14504 toc06
tON
tOFF
0
5
15
10
20
25
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.3
3.9
3.1
4.7
5.5
CB = EN = 0
10
14
12
18
16
20
22
-40
85
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
10
-15
35
60
CB = EN = 0
VCC = 5.5V
VCC = 3.0V
0
0.6
0.4
0.2
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.7
3.0
3.3
3.6
LOGIC-INPUT LOW THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
VIH
VIL
0
20
60
40
80
100
SUPPLY CURRENT
vs. CB LOGIC LEVEL
CB LOGIC LEVEL (V)
02.2
1.1
3.3
VCC = 5.5V
EN = 0


Similar Part No. - MAX14505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
   Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
MAX14500 MAXIM-MAX14500 Datasheet
413Kb / 41P
   Hi-Speed USB-to-SD Card Readers with Bypass
Rev 1; 4/09
MAX14500AEWN++ MAXIM-MAX14500AEWN+ Datasheet
413Kb / 41P
   Hi-Speed USB-to-SD Card Readers with Bypass
Rev 1; 4/09
MAX14500ETL++ MAXIM-MAX14500ETL+ Datasheet
413Kb / 41P
   Hi-Speed USB-to-SD Card Readers with Bypass
Rev 1; 4/09
MAX14501AEWN++ MAXIM-MAX14501AEWN+ Datasheet
413Kb / 41P
   Hi-Speed USB-to-SD Card Readers with Bypass
Rev 1; 4/09
More results

Similar Description - MAX14505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892 Datasheet
202Kb / 9P
   Shunt Mode Audio Click-and-Pop Eliminator
Rev 0; 10/08
MAX9892 MAXIM-MAX9892_V01 Datasheet
812Kb / 7P
   Shunt Mode Audio Click-and-Pop Eliminator
19-4295; Rev 1; 12/16
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
logo
Protek Devices
PA4401 PROTEC-PA4401 Datasheet
115Kb / 7P
   Click-Pop Suppression Device
PA4402 PROTEC-PA4402 Datasheet
435Kb / 7P
   Click-Pop Suppression Device
PA4402 PROTEC-PA4402_15 Datasheet
429Kb / 7P
   CLICK-POP SUPPRESSION DEVICE
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890_V01 Datasheet
1Mb / 12P
   Audio Click-Pop Suppressor
19-2932; Rev 4; 5/17
logo
STMicroelectronics
STEVAL-CCA003V1 STMICROELECTRONICS-STEVAL-CCA003V1 Datasheet
122Kb / 4P
   Near-zero pop and click
logo
Integrated Silicon Solu...
ISIS31AP4991 ISSI-ISIS31AP4991 Datasheet
256Kb / 5P
   Near-zero click-and-pop
logo
STMicroelectronics
STEVAL-CCA008V1 STMICROELECTRONICS-STEVAL-CCA008V1 Datasheet
162Kb / 4P
   Circuit free of Pop and click
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com