Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14783EESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX14783EESA
Description  Encoder Interfaces
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14783EESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX14783EESA Datasheet HTML 5Page - Maxim Integrated Products MAX14783EESA Datasheet HTML 6Page - Maxim Integrated Products MAX14783EESA Datasheet HTML 7Page - Maxim Integrated Products MAX14783EESA Datasheet HTML 8Page - Maxim Integrated Products MAX14783EESA Datasheet HTML 9Page - Maxim Integrated Products MAX14783EESA Datasheet HTML 10Page - Maxim Integrated Products MAX14783EESA Datasheet HTML 11Page - Maxim Integrated Products MAX14783EESA Datasheet HTML 12Page - Maxim Integrated Products MAX14783EESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
(VCC = +5V, TA = +25°C, unless otherwise specified.)
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
0.5
1.0
1.5
2.0
2.5
3.0
0
-40
125
DE = VCC
RE = GND
VCC = 3.3V
VCC = 5V
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
3
2
1
4
5
6
7
8
9
10
0
-40
125
DE = GND
RE = VCC
VCC = 3.3V
VCC = 5V
SUPPLY CURRENT vs. DATA RATE
DATA RATE (Mbps)
30
20
10
20
40
60
80
100
120
0
0
40
DE = VCC
VCC = 5V, 54Ω LOAD
VCC = 3.3V, 54Ω LOAD
VCC = 5V, NO LOAD
VCC = 3.3V, NO LOAD
RECEIVER-OUTPUT HIGH VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
-50
-40
-30
-20
-10
1
2
3
4
5
0
0
-60
OUTPUT SOURCING CURRENT
VCC = 3.3V
VCC = 5V
RECEIVER-OUTPUT LOW VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
50
40
30
20
10
1
2
3
4
5
0
0
60
OUTPUT SINKING CURRENT
VCC = 3.3V
VCC = 5V
DRIVER OUTPUT CURRENT
vs. DIFFERENTIAL OUTPUT VOLTAGE
DIFFERENTIAL OUTPUT VOLTAGE (V)
4
3
2
1
40
80
120
160
0
0
5
VCC = 3.3V
VCC = 5V
DIFFERENTIAL DRIVER OUTPUT
VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
1.5
1.0
0.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
-40
125
RL = 54Ω
CL = 50pF
VCC = 3.3V
VCC = 5V
DRIVER OUTPUT CURRENT
vs. OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
4
3
1 2
-5 -4 -3 -2 -1 0
-6
-20
-40
-60
-80
-100
-120
-140
-160
-180
0
-7
5
VCC = 3.3V
VCC = 5V
MAX14783E
High-Speed 3.3V/5V RS-485/RS-422 Transceiver
with ±35kV HBM ESD Protection
Maxim Integrated │ 9
www.maximintegrated.com
Typical Operating Characteristics


Similar Part No. - MAX14783EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14783EESA++ MAXIM-MAX14783EESA+ Datasheet
1Mb / 17P
   High-Speed 3.3V/5V RS-485/RS-422 Transceiver with 짹35kV HBM ESD Protection
19-6734; Rev 2; 7/20
More results

Similar Description - MAX14783EESA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR5HC703-600-FG SEMTECH-UR5HC703-600-FG Datasheet
72Kb / 8P
   USAR SerialCoderTM Low-Power Keyboard Encoder interfaces RS-232
logo
IC-Haus GmbH
IC-LNB ICHAUS-IC-LNB_13 Datasheet
1Mb / 35P
   18-BIT OPTO ENCODER WITH SPI AND SER/PAR INTERFACES
logo
List of Unclassifed Man...
88980110 ETC2-88980110 Datasheet
408Kb / 1P
   USB interfaces
logo
STMicroelectronics
ST7LITE49K2 STMICROELECTRONICS-ST7LITE49K2 Datasheet
3Mb / 245P
   Communication interfaces
February 2009 Rev 4
logo
ams AG
AS5046 AMSCO-AS5046 Datasheet
77Kb / 2P
   PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
AS5046 AMSCO-AS5046_1 Datasheet
880Kb / 33P
   PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
logo
Bourns Electronic Solut...
PES12_MDS BOURNS-PES12_MDS Datasheet
343Kb / 2P
   ENCODER
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
   ENCODER
logo
Melexis Microelectronic...
MLX90329 MELEXIS-MLX90329 Datasheet
1Mb / 31P
   Automotive Sensor Interfaces
logo
STMicroelectronics
SPC56L-DISCOVERY STMICROELECTRONICS-SPC56L-DISCOVERY Datasheet
138Kb / 4P
   Two LIN interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com