Electronic Components Datasheet Search |
|
MAX14783EASA Datasheet(PDF) 10 Page - Maxim Integrated Products |
|
MAX14783EASA Datasheet(HTML) 10 Page - Maxim Integrated Products |
10 / 18 page (VCC = +5V, TA = +25°C, unless otherwise specified.) DRIVER OUTPUT CURRENT vs. OUTPUT LOW VOLTAGE OUTPUT LOW VOLTAGE (V) 10 8 6 4 2 20 40 60 80 100 120 140 160 180 0 0 12 VCC = 3.3V VCC = 5V DRIVER PROPAGATION DELAY vs. TEMPERATURE TEMPERATURE (°C) 110 95 80 65 50 35 20 5 -10 -25 5 10 15 20 25 30 0 -40 125 tDPHL, VCC = 3.3V tDPHL, VCC = 5V tDPLH, VCC = 3.3V tDPLH, VCC = 5V RL = 54Ω CL = 50pF DIFFERENTIAL DRIVER SKEW vs. TEMPERATURE TEMPERATURE (°C) 110 95 80 65 50 35 20 5 -10 -25 3 2 1 4 5 6 7 8 9 10 0 -40 125 VCC = 3.3V VCC = 5V RL = 54Ω CL = 50pF DRIVER-OUTPUT RISE/FALL TIME vs. TEMPERATURE TEMPERATURE (°C) 110 95 80 65 50 35 20 5 -10 -25 3 2 1 4 5 6 7 8 0 -40 125 RL = 54Ω CL = 50pF tHL, VCC = 3.3V tLH, VCC = 5V tHL, VCC = 5V tLH, VCC = 3.3V DRIVER-OUTPUT TRANSITION SKEW vs. TEMPERATURE TEMPERATURE (°C) 110 95 80 65 50 35 20 5 -10 -25 0.5 1.0 1.5 2.0 2.5 3.0 0 -40 125 VCC = 3.3V VCC = 5V RL = 54Ω CL = 50pF RECEIVER PROPAGATION DELAY vs. TEMPERATURE TEMPERATURE (°C) 110 95 80 65 50 35 20 5 -10 -25 6 4 2 8 10 12 14 16 18 20 0 -40 125 CL = 15pF tRPLH, VCC = 3.3V tRPHL, VCC = 5V tRPHL, VCC = 3.3V tRPLH, VCC = 5V DRIVER/RECEIVER PROPAGATION DELAY MAX14783E toc15 10ns/div VCC = 3.3V CL = 8pF 5V/div 2V/div 5V/div DI A/B RO DIFFERENTIAL INPUT CAPACITANCE vs. FREQUENCY FREQUENCY (MHz) 3 10 20 30 0 0 30 DE = GND MAX14783E High-Speed 3.3V/5V RS-485/RS-422 Transceiver with ±35kV HBM ESD Protection Maxim Integrated │ 10 www.maximintegrated.com Typical Operating Characteristics (continued) |
Similar Part No. - MAX14783EASA |
|
Similar Description - MAX14783EASA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |