Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14130 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX14130
Description  Many Options Support Broad Applications
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14130 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX14130 Datasheet HTML 4Page - Maxim Integrated Products MAX14130 Datasheet HTML 5Page - Maxim Integrated Products MAX14130 Datasheet HTML 6Page - Maxim Integrated Products MAX14130 Datasheet HTML 7Page - Maxim Integrated Products MAX14130 Datasheet HTML 8Page - Maxim Integrated Products MAX14130 Datasheet HTML 9Page - Maxim Integrated Products MAX14130 Datasheet HTML 10Page - Maxim Integrated Products MAX14130 Datasheet HTML 11Page - Maxim Integrated Products MAX14130 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
(VDDA - VGNDA = +1.71V to +5.5V, VDDB - VGNDB = +1.71V to +5.5V, CL = 15pF, TA = -40°C to +125°C, unless otherwise noted. Typical
values are at VDDA - VGNDA = +3.3V, VDDB - VGNDB = +3.3V, VGNDA = VGNDB, TA = +25°C, unless otherwise noted.) (Notes 2, 3)
MAX14930–MAX14932,
MAX14130–MAX14131
4-Channel, 1kVRMS, 2.75kVRMS
and 3.75kVRMS Digital Isolators
www.maximintegrated.com
Maxim Integrated │ 8
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay Skew
Channel-to-Channel (Opposing
Direction)
tSCOLH
4.5V ≤ VDDA, VDDB ≤ 5.5V
26.6
ns
3.0V ≤ VDDA, VDDB ≤ 3.6V
26.6
2.25V ≤ VDDA, VDDB ≤ 2.75V
26.6
1.71V ≤ VDDA, VDDB ≤ 1.89V
26.9
tSCOHL
4.5V ≤ VDDA, VDDB ≤ 5.5V
27.9
3.0V ≤ VDDA, VDDB ≤ 3.6V
27.7
2.25V ≤ VDDA, VDDB ≤ 2.75V
27.6
1.71V ≤ VDDA, VDDB ≤ 1.89V
29.7
Rise Time (Figure 1)
tR
OUTA_/
OUTB_,
10% to 90%,
CL= 15pF
4.5V ≤ VDDA, VDDB ≤ 5.5V
2
ns
3.0V ≤ VDDA, VDDB ≤ 3.6V
2
2.25V ≤ VDDA, VDDB ≤ 2.75V
2
1.71V ≤ VDDA, VDDB ≤ 1.89V
2
Fall Time (Figure 1)
tF
OUTA_/
OUTB_,
90% to 10%,
CL= 15pF
4.5V ≤ VDDA, VDDB ≤ 5.5V
2
ns
3.0V ≤ VDDA, VDDB ≤ 3.6V
2
2.25V ≤ VDDA, VDDB ≤ 2.75V
2
1.71V ≤ VDDA, VDDB ≤ 1.89V
2
Enable to Data Valid
tEN
ENA to
OUTA_,
ENB to
OUTB_,
CL= 15pF
4.5V ≤ VDDA, VDDB ≤ 5.5V
5.1
ns
3.0V ≤ VDDA, VDDB ≤ 3.6V
5.5
2.25V ≤ VDDA, VDDB ≤ 2.75V
6.7
1.71V ≤ VDDA, VDDB ≤ 1.89V
16.3
Enable to Three-State
tTRI
ENA to
OUTA_,
ENB to
OUTB_,
CL= 15pF
4.5V ≤ VDDA, VDDB ≤ 5.5V
2.7
ns
3.0V ≤ VDDA, VDDB ≤ 3.6V
4.4
2.25V ≤ VDDA, VDDB ≤ 2.75V
7.0
1.71V ≤ VDDA, VDDB ≤ 1.89V
11.7
Dynamic Electrical Characteristics (MAX1493_A/D) (Continued)


Similar Part No. - MAX14130

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14130 MAXIM-MAX14130 Datasheet
737Kb / 6P
   Guaranteed Up to 5kVRMS Isolation
Rev 2; 8/16
MAX14130FAEE++ MAXIM-MAX14130FAEE+ Datasheet
1Mb / 25P
   4-Channel, 1kVRMS and 2.75kVRMS, Digital Isolators
2020
MAX14130FAEE+T MAXIM-MAX14130FAEE+T Datasheet
1Mb / 25P
   4-Channel, 1kVRMS and 2.75kVRMS, Digital Isolators
2020
MAX14130 MAXIM-MAX14130_V01 Datasheet
1Mb / 25P
   4-Channel, 1kVRMS and 2.75kVRMS, Digital Isolators
2020
More results

Similar Description - MAX14130

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
BA-5347U ULTRALIFE-BA-5347U Datasheet
278Kb / 2P
   Many other military applications
08 OCT 20 Rev: K
logo
List of Unclassifed Man...
SD9SB8W-1T00 ETC1-SD9SB8W-1T00 Datasheet
587Kb / 2P
   EXCEPTIONAL STORAGE OPTIONS FOR A BROAD RANGE
logo
National Semiconductor ...
LMH0026 NSC-LMH0026_1 Datasheet
161Kb / 4P
   Replacing the CLC016 Replacing the CLC016 reclocker in many applications
logo
Source Photonics, Inc.
SPP-10E-SR-CDFF SOURCE-SPP-10E-SR-CDFF Datasheet
334Kb / 7P
   Support 10GBASE-SR/SW applications
logo
Greenliant systems
GLS27SF512 GREENLIANT-GLS27SF512 Datasheet
951Kb / 23P
   Many-Time Programmable Flash
logo
Macronix International
MX10F201FC MCNIX-MX10F201FC Datasheet
244Kb / 47P
   High-Performance and Low Power Microcontroller designed for Use Many Applications
logo
New Jersey Semi-Conduct...
2N1770 NJSEMI-2N1770 Datasheet
343Kb / 1P
   BROAD VOLTAGE RANGE
logo
Greenliant systems
GLS37VF010 GREENLIANT-GLS37VF010 Datasheet
612Kb / 17P
   Many-Time Programmable Flash
logo
SHANGHAI BELLING CO., L...
BL24C02 BELLING-BL24C02 Datasheet
367Kb / 15P
   The device is optimized for use in many industrial and commercial applications
logo
Pentair plc. All rights...
360 PENTAIR-360 Datasheet
255Kb / 2P
   COMPACT, LOW-PROFILE SOLUTION FOR A BROAD RANGE OF FILTRATION APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com