Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD15P10PG Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPD15P10PG
Description  SIPMOS짰 Small-Signal-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD15P10PG Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPD15P10PG Datasheet HTML 1Page - Infineon Technologies AG SPD15P10PG Datasheet HTML 2Page - Infineon Technologies AG SPD15P10PG Datasheet HTML 3Page - Infineon Technologies AG SPD15P10PG Datasheet HTML 4Page - Infineon Technologies AG SPD15P10PG Datasheet HTML 5Page - Infineon Technologies AG SPD15P10PG Datasheet HTML 6Page - Infineon Technologies AG SPD15P10PG Datasheet HTML 7Page - Infineon Technologies AG SPD15P10PG Datasheet HTML 8Page - Infineon Technologies AG SPD15P10PG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SPD15P10P G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
-4 V
-4.5 V
-5 V
-6 V
-7 V
-8 V
-10 V
100
200
300
400
500
010
20
30
-I D [A]
25 °C
125 °C
0
2
4
6
8
10
13
57
-V GS [V]
0
5
10
15
20
0
5
10
15
20
25
30
-I D [A]
-4 V
-4.5 V
-5 V
-6 V
-7 V
-8 V
-10 V
0
5
10
15
20
25
30
35
40
02
46
8
10
-V DS [V]
Rev 1.
8
page 5
20
12-09-11


Similar Part No. - SPD15P10PG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD15P10PG INFINEON-SPD15P10PG Datasheet
640Kb / 10P
   SIPMOS짰 Small-Signal-Transistor Features P-Channel Enhancement mode
Rev 1.6 2009-08-25
logo
Inchange Semiconductor ...
SPD15P10PG ISC-SPD15P10PG Datasheet
308Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - SPD15P10PG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
SPP18P06PH INFINEON-SPP18P06PH Datasheet
577Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev1.92 2014-11-21
BSS127 INFINEON-BSS127 Datasheet
271Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.1 2006-03-24
BSP170PE6327T INFINEON-BSP170PE6327T Datasheet
576Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev 2.53 2012-11-26
BSS126 INFINEON-BSS126 Datasheet
236Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.3 2006-06-14
BSS131L6327 INFINEON-BSS131L6327 Datasheet
210Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.4 2011-06-07
BSP129L6327HTSA1 INFINEON-BSP129L6327HTSA1 Datasheet
451Kb / 10P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.42 2012-11-29
BSS225 INFINEON-BSS225 Datasheet
205Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.21 2005-02-25
BSP179 INFINEON-BSP179 Datasheet
415Kb / 8P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.0 2015-06-23
BSP170P-L6327 INFINEON-BSP170P-L6327 Datasheet
576Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev 2.53 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com