Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX85C30 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BZX85C30
Description  Zeners
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BZX85C30 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BZX85C30 Datasheet HTML 1Page - Fairchild Semiconductor BZX85C30 Datasheet HTML 2Page - Fairchild Semiconductor BZX85C30 Datasheet HTML 3Page - Fairchild Semiconductor BZX85C30 Datasheet HTML 4Page - Fairchild Semiconductor BZX85C30 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2004 Fairchild Semiconductor Corporation
BZX85C3V3 - BZX85C100, Rev. E1
Electrical Characteristics (Continued) T
A=25°C unless otherwise noted
Notes:
1. Zener Voltage (VZ)
The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C ± 1°C and 3/8” lead length.
Device
Zener Voltage (Note 1)
Zener Impedance
Leakage Current
VZ (Volts)
IZ
ZZ @ IZ
ZZK @ IZK
IR @ VR
Min.
Max.
mA
(
Ω)
(
Ω)
(mA)
µA Max.
Volts
BZX85C56
BZX85C62
BZX85C68
BZX85C75
BZX85C82
52
58
64
70
77
60
66
72
80
87
4
4
4
4
2.7
120
125
130
150
200
2000
2000
2000
2000
3000
0.25
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
0.5
39
43
47
51
56
BZX85C91
BZX85C100
85
96
96
106
2.7
2.7
250
350
3000
3000
0.25
0.25
0.5
0.5
62
68
VF Forward Voltage = 1.2V Max @ IF = 200mA


Similar Part No. - BZX85C30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C30 VISHAY-BZX85C30 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZX85C30 TSC-BZX85C30 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
logo
New Jersey Semi-Conduct...
BZX85C30 NJSEMI-BZX85C30 Datasheet
99Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C30 FAIRCHILD-BZX85C30 Datasheet
49Kb / 3P
   Zeners
logo
Tak Cheong Electronics ...
BZX85C30 TAK_CHEONG-BZX85C30 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX85C30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com