Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC600-1012G Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # ABC600-1012G
Description  The high efficiency and high power density of the ABC family ensures
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC600-1012G Datasheet(HTML) 2 Page - Bel Fuse Inc.

  ABC600-1012G Datasheet HTML 1Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 2Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 3Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 4Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 5Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 6Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 7Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 8Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
tech.support@psbel.com
ABC600-1012G
12 V
35.0 A
50.0 A
0 A
1%
± 2%
ABC600-1015G
15 V
28.0 A
40.0 A
0 A
1%
± 2%
ABC600-1024G
24 V
17.5 A
25.0 A
0 A
1%
± 2%
ABC600-1028G
28 V
15.0 A
21.4 A
0 A
1%
± 2%
ABC600-1048G
48 V
8.8 A
12.5 A
0 A
1%
± 2%
ABC600-1052G
52 V
8.1 A
11.5 A
0 A
1%
± 2%
Vfan (all models)
12 V
1.0 A
1.0 A
0 A
1%
± 20%
Vsb (all models)
5 V
1.0 A
1.0 A
0 A
2%
± 2%
NOTES:
1.
Peak current rating on V1 (main output) is 120% of max, lasting 3 second with max of 10% duty cycle.
2.
Combined output power of V1 plus fan supply and standby supply should not exceed max power rating.
3.
+/-20% tolerance of Vfan includes the factors of set point accuracy, line and load regulation.
4.
Air flow over long edge (either direction) required for air flow rating. See mechanical drawing, Figure 7 on page 11.
5.
More than 800K hours MTBF is to be calculated according to Bellcore TR-332 standard current edition at 25 ºC.
The ABC600 SERIES AC-DC/DC-DC power supply can operate using AC or DC input. It is a highly efficient front-end power supply.
The PFC stage adopts an analog controller in continuous conduction mode to achieve high power factor and high efficiency. The
DC/DC stage is fully DSP controlled and employs soft switching resonant techniques in conjunction with synchronous rectification
for high efficiency and better thermal control. With a wide input operational voltage range and minimal linear derating of output power
with temperature, the ABC600 SERIES maximizes power availability in demanding server, network, and other high availability
applications. The supply is convection cooled or fan cooled and ideally suited for integration with a matching airflow path. An active
OR-ing MOSFET on the output ensures no reverse current and renders the supply ideally suited for operation in redundant power
systems. The always-on standby output Vsb (5 Volts) provides power to external power distribution and management controllers. It is
protected with an active OR-ing diode for maximum reliability. In addition, the PMBus allows full monitoring of the supply, including
input and output voltage, current, power, and internal temperatures. Current share signal (V1_Ishare) is used for current sharing, and
the difference between two units is within 2.5 A if system load is more than 25% of full load. The current share signal (V1_Ishare) voltage
shall be a linear function Vcs = 8 x Iout/Imax for a single power supply. Example: for ABC600-1012G, VCS is 8 V at 50 A loading;
Imax is 50 A of ABC600-1012G.
Figure 1. ABC600 SERIES Block Diagram


Similar Part No. - ABC600-1012G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC600-1012G BEL-ABC600-1012G Datasheet
1Mb / 11P
   Active power factor correction
ABC600-1012G BEL-ABC600-1012G Datasheet
711Kb / 12P
   600 W standard, 420 W convection cooled
More results

Similar Description - ABC600-1012G

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ARM-LA0115 AAEON-ARM-LA0115 Datasheet
182Kb / 1P
   SUSPA Series System Ensures The Stability Of Product And Strength Of Quality
logo
NEC
R120G-1M NEC-R120G-1M Datasheet
990Kb / 2P
   The high-density rack server
R120F-1E NEC-R120F-1E Datasheet
608Kb / 2P
   The high-density rack server
R120F-1M NEC-R120F-1M Datasheet
651Kb / 2P
   The high-density rack server
logo
Hitachi Semiconductor
INVC544 HITACHI-INVC544 Datasheet
17Kb / 2P
   High efficiency through the use of piezo transformer
logo
Sharp Corporation
GW6TGCBG4FD SHARP-GW6TGCBG4FD Datasheet
3Mb / 2P
   Introducing the Newest Member of the Zenigata Family
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Everlight Electronics C...
EHP-A23 EVERLIGHT-EHP-A23 Datasheet
494Kb / 16P
   Feature of the device: Small package with high efficiency.
logo
SL Power Electronics
CINT1150 SLPOWER-CINT1150 Datasheet
636Kb / 8P
   The CINT1150 family is the latest offering in high density single output open-frame AC/DC power supplies.
logo
STMicroelectronics
AN3106 STMICROELECTRONICS-AN3106 Datasheet
1Mb / 34P
   The use and growing popularity of LEDS, thanks to their high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com