Electronic Components Datasheet Search |
|
ABC350-1T30L Datasheet(PDF) 3 Page - Bel Fuse Inc. |
|
ABC350-1T30L Datasheet(HTML) 3 Page - Bel Fuse Inc. |
3 / 6 page ABC350 Series © 2015 Bel Power Solutions, Inc. +1.866.513.2839 tech.support@psbel.com BCD.00560_AD Specifications are for nominal input voltage, 25°C unless otherwise stated. PARAMETER DESCRIPTION / CONDITION SPECIFICATION Input Voltage Universal (Derate from 100% at 100 VAC to 90% at 90 VAC) 90-264 VAC / 390 VDC Input Frequency 47 - 63 Hz Input Current 115 VAC: 230 VAC: 3.6 A max. 1.8 A max. No Load Power Typical >0.5 W Inrush Current 115 VAC: 230 VAC: 264 VAC: 25 A 45 A 75 A Leakage Current Typical 300 uA Power Factor Full Load >0.95 Switching Frequency PFC: PWM: 70 - 130 kHz 50 - 80 kHz PARAMETER DESCRIPTION / CONDITION SPECIFICATION Output Power With 375 LFM: Convection: 350 W 200 W Efficiency 48 V, 58 V: 24 V, 30 V: 12 V, 15 V: 94% 93% 92% Hold-up Time Full Load: Convection Load: 8 ms typical 14 ms typical Line Regulation +/-0.5% Load Regulation +/-1% Transient Response 50-100% step load change, at 0.1A/uS slew rate, 50% duty cycle, 50 Hz = 5% , recovery time < 5 ms Voltage Adjustment +/-3% Rise Time Typical 55 ms Set Point Tolerance +/-1% Over Current Protection Hiccup mode / Auto Recovery >110% Over Voltage Protection Hiccup mode / Auto Recovery 110 to 140% Short Circuit Protection Hiccup mode / Auto Recovery PARAMETER DESCRIPTION / CONDITION SPECIFICATION Operating Temperature Startup guaranteed, with spec deviation, see Fig. 1 -40 to +70°C -40 to 0°C Storage Temperature -40 to 85° C Cooling With 375 LFM forced air cooling at 100 to 264 VAC: With natural convection cooling at 100 to 264 VAC: 350 W 200 W Altitude Operating: Non-operating: 16,000 ft. 40,000 ft. Humidity Non Condensing 5% to 95% Reliability MTBF according to Telcordia -SR332-Issue 3 2.56 million hours |
Similar Part No. - ABC350-1T30L |
|
Similar Description - ABC350-1T30L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |