Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC350-1T58L Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC350-1T58L
Description  Approved to EN60950-1 2nd Edition
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC350-1T58L Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC350-1T58L Datasheet HTML 1Page - Bel Fuse Inc. ABC350-1T58L Datasheet HTML 2Page - Bel Fuse Inc. ABC350-1T58L Datasheet HTML 3Page - Bel Fuse Inc. ABC350-1T58L Datasheet HTML 4Page - Bel Fuse Inc. ABC350-1T58L Datasheet HTML 5Page - Bel Fuse Inc. ABC350-1T58L Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ABC350 Series
© 2015 Bel Power Solutions, Inc.
+1.866.513.2839
tech.support@psbel.com
BCD.00560_AD
Specifications are for nominal input voltage, 25°C unless otherwise stated.
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Input Voltage
Universal
(Derate from 100% at 100 VAC to 90% at 90 VAC)
90-264 VAC / 390 VDC
Input Frequency
47 - 63 Hz
Input Current
115 VAC:
230 VAC:
3.6 A max.
1.8 A max.
No Load Power
Typical
>0.5 W
Inrush Current
115 VAC:
230 VAC:
264 VAC:
25 A
45 A
75 A
Leakage Current
Typical
300 uA
Power Factor
Full Load
>0.95
Switching Frequency
PFC:
PWM:
70 - 130 kHz
50 - 80 kHz
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Output Power
With 375 LFM:
Convection:
350 W
200 W
Efficiency
48 V, 58 V:
24 V, 30 V:
12 V, 15 V:
94%
93%
92%
Hold-up Time
Full Load:
Convection Load:
8 ms typical
14 ms typical
Line Regulation
+/-0.5%
Load Regulation
+/-1%
Transient Response
50-100% step load change, at 0.1A/uS slew rate,
50% duty cycle, 50 Hz = 5% ,
recovery time < 5 ms
Voltage Adjustment
+/-3%
Rise Time
Typical
55 ms
Set Point Tolerance
+/-1%
Over Current Protection
Hiccup mode / Auto Recovery
>110%
Over Voltage Protection
Hiccup mode / Auto Recovery
110 to 140%
Short Circuit Protection
Hiccup mode / Auto Recovery
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Operating Temperature
Startup guaranteed, with spec deviation, see Fig. 1
-40 to +70°C
-40 to 0°C
Storage Temperature
-40 to 85° C
Cooling
With 375 LFM forced air cooling at 100 to 264 VAC:
With natural convection cooling at 100 to 264 VAC:
350 W
200 W
Altitude
Operating:
Non-operating:
16,000 ft.
40,000 ft.
Humidity
Non Condensing
5% to 95%
Reliability
MTBF according to Telcordia -SR332-Issue 3
2.56 million hours


Similar Part No. - ABC350-1T58L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC350-1T58L BEL-ABC350-1T58L Datasheet
779Kb / 6P
   RoHS Compliant
More results

Similar Description - ABC350-1T58L

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
logo
ETA-USA
MDL-SX-W5 ETA-USA-MDL-SX-W5 Datasheet
2Mb / 2P
   65W Medical 60601-1 3rd Edition approved
logo
NEC
65PWB31 NEC-65PWB31 Datasheet
168Kb / 10P
   DOD-PD-0734 (2nd edition)
logo
Bel Fuse Inc.
0RQ1-C5W24M BEL-0RQ1-C5W24M Datasheet
657Kb / 14P
   Approved to UL/CSA60950-1, 2nd A2 version(TBD)
logo
SynQor Worldwide Headqu...
PQ60050EKX10 SYNQOR-PQ60050EKX10 Datasheet
1Mb / 15P
   TUV certified to EN60950-1
logo
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
logo
Recom International Pow...
RPA120H-RW RECOM-RPA120H-RW Datasheet
1Mb / 7P
   UL, IEC/EN60950-1 & EN50155 Pending
logo
Vincotech
V23990-P709-F40-P1-19 VINCOTECH-V23990-P709-F40-P1-19 Datasheet
254Kb / 3P
   flow90PACK 1 2nd gen
V23990-P707-F40-P1-19 VINCOTECH-V23990-P707-F40-P1-19 Datasheet
247Kb / 3P
   flow90PACK 1 2nd gen
V23990-P708-F40-P1-14 VINCOTECH-V23990-P708-F40-P1-14 Datasheet
1Mb / 17P
   flow90PACK 1 2nd gen
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com