Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS800R07A2E3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # FS800R07A2E3
Description  HybridPACK?? Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS800R07A2E3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  FS800R07A2E3_14 Datasheet HTML 1Page - Infineon Technologies AG FS800R07A2E3_14 Datasheet HTML 2Page - Infineon Technologies AG FS800R07A2E3_14 Datasheet HTML 3Page - Infineon Technologies AG FS800R07A2E3_14 Datasheet HTML 4Page - Infineon Technologies AG FS800R07A2E3_14 Datasheet HTML 5Page - Infineon Technologies AG FS800R07A2E3_14 Datasheet HTML 6Page - Infineon Technologies AG FS800R07A2E3_14 Datasheet HTML 7Page - Infineon Technologies AG FS800R07A2E3_14 Datasheet HTML 8Page - Infineon Technologies AG FS800R07A2E3_14 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
TechnischeInformation/TechnicalInformation
FS800R07A2E3
IGBT-Modul
IGBT-Module
preparedby:WJ
approvedby:MM
dateofpublication:2014-10-30
revision:3.2
IGBT,Wechselrichter/IGBT,Inverter
HöchstzulässigeWerte/MaximumRatedValues
Kollektor-Emitter-Sperrspannung
Collector-emittervoltage
Tvj = 25°C
VCES

650
 V
ImplementierterKollektor-Strom
Implementedcollectorcurrent
ICN

800
 A
Kollektor-Dauergleichstrom
ContinuousDCcollectorcurrent
TF = 75°C, Tvj max = 175°C
TF = 25°C, Tvj max = 175°C
IC nom
IC

550
700
 A
A
PeriodischerKollektor-Spitzenstrom
Repetitivepeakcollectorcurrent
tP = 1 ms
ICRM

1600
 A
Gesamt-Verlustleistung
Totalpowerdissipation
TF = 25°C, Tvj max = 175°C
Ptot

1500
 W
Gate-Emitter-Spitzenspannung
Gate-emitterpeakvoltage
VGES

+/-20
 V
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Kollektor-Emitter-Sättigungsspannung
Collector-emittersaturationvoltage
IC = 550 A, VGE = 15 V
IC = 550 A, VGE = 15 V
IC = 550 A, VGE = 15 V
VCE sat
1,30
1,35
1,40
1,60
V
V
V
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Gate-Schwellenspannung
Gatethresholdvoltage
IC = 13,0 mA, VCE = VGE, Tvj = 25°C
VGEth
4,90
5,80
6,50
V
Gateladung
Gatecharge
VGE = -15 V ... +15 V
QG
8,60
µC
InternerGatewiderstand
Internalgateresistor
Tvj = 25°C
RGint
0,5
Eingangskapazität
Inputcapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cies
52,0
nF
Rückwirkungskapazität
Reversetransfercapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cres
1,50
nF
Kollektor-Emitter-Reststrom
Collector-emittercut-offcurrent
VCE = 650 V, VGE = 0 V, Tvj = 25°C
ICES
5,0
mA
Gate-Emitter-Reststrom
Gate-emitterleakagecurrent
VCE = 0 V, VGE = 20 V, Tvj = 25°C
IGES
400
nA
Einschaltverzögerungszeit,induktiveLast
Turn-ondelaytime,inductiveload
IC = 550 A, VCE = 300 V
VGE = ±15 V
RGon = 1,8
td on
0,12
0,12
0,13
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Anstiegszeit,induktiveLast
Risetime,inductiveload
IC = 550 A, VCE = 300 V
VGE = ±15 V
RGon = 1,8
tr
0,10
0,10
0,10
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Abschaltverzögerungszeit,induktiveLast
Turn-offdelaytime,inductiveload
IC = 550 A, VCE = 300 V
VGE = ±15 V
RGoff = 0,75
td off
0,51
0,53
0,55
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Fallzeit,induktiveLast
Falltime,inductiveload
IC = 550 A, VCE = 300 V
VGE = ±15 V
RGoff = 0,75
tf
0,04
0,06
0,07
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
EinschaltverlustenergieproPuls
Turn-onenergylossperpulse
IC = 550 A, VCE = 300 V, LS = 20 nH
VGE = ±15 V, di/dt = 5500 A/µs (Tvj = 150°C)
RGon = 1,8
Eon
10,5
12,0
12,5
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AbschaltverlustenergieproPuls
Turn-offenergylossperpulse
IC = 550 A, VCE = 300 V, LS = 20 nH
VGE = ±15 V, du/dt = 2700 V/µs (Tvj = 150°C)
RGoff = 0,75
Eoff
21,0
25,0
26,0
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Kurzschlußverhalten
SCdata
VGE
≤ 15 V, VCC = 360 V
VCEmax = VCES -LsCE ·di/dt
ISC
5600
4000
A
A
Tvj = 25°C
Tvj = 150°C
tP
≤ 8 µs,
tP
≤ 6 µs,
Wärmewiderstand,ChipbisKühl-Flüssigkeit
Thermalresistance,junctiontocoolingfluid
proIGBT/perIGBT
coolingfluid=50%water/50%ethylenglycol;
∆V/∆t=
10,0dm³/min
RthJF
0,10
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions
Tvj op
-40
150
°C


Similar Part No. - FS800R07A2E3_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS800R07A2E3 INFINEON-FS800R07A2E3 Datasheet
439Kb / 9P
   HybridPACK 2 module with trench/fieldstop IGBT3 and Emitter Controlled diode
2011-01-17 revision:2.0
More results

Similar Description - FS800R07A2E3_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS200R07A1E3 INFINEON-FS200R07A1E3_13 Datasheet
618Kb / 9P
   HybridPACK?? Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2013-11-05 revision:3.1
FS600R07A2E3 INFINEON-FS600R07A2E3 Datasheet
833Kb / 10P
   HybridPACK?? Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2014-10-30 revision:3.2
FS400R07A1E3 INFINEON-FS400R07A1E3_13 Datasheet
612Kb / 9P
   HybridPACK?? Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2013-11-05 revision:3.1
FP50R06W2E3 INFINEON-FP50R06W2E3 Datasheet
2Mb / 12P
   EasyPIM Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2009-10-19 revision: 2.2
FB20R06W1E3_B11 INFINEON-FB20R06W1E3_B11 Datasheet
994Kb / 12P
   EasyPIM Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2013-11-25 revision:3.0
FB20R06W1E3 INFINEON-FB20R06W1E3_13 Datasheet
910Kb / 10P
   EasyPIM Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2013-10-29 revision:2.1
FS30R06W1E3 INFINEON-FS30R06W1E3 Datasheet
2Mb / 9P
   EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
Rev 2.1 2009-10-30
FF200R06ME3 INFINEON-FF200R06ME3 Datasheet
1Mb / 9P
   EconoDUAL?? Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2009-08-12 revision:2.2
F3L75R07W2E3_B11 INFINEON-F3L75R07W2E3_B11_13 Datasheet
822Kb / 11P
   EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
2013-11-05 revision:2.1
F3L100R07W2E3_B11 INFINEON-F3L100R07W2E3_B11_13 Datasheet
825Kb / 11P
   EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
2013-11-05 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com