Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL58781CRZ-T13 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL58781CRZ-T13
Description  Laser Diode Driver with Serial Control and Write Current DAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58781CRZ-T13 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL58781CRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL58781CRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL58781CRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL58781CRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL58781CRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL58781CRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL58781CRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL58781CRZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL58781CRZ-T13 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN6909.3
December 3, 2015
Submit Document Feedback
Read DAC (12-bit) DC Specifications
Standard conditions unless otherwise noted.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 22) TYP
MAX
(Note 22)
UNIT
DNL-R
Read DAC Differential Non-Linearity PREAD: Reg 0-19 + Reg 1-09
-2
+2
LSB
INL-R
Read DAC Integral Non-Linearity
@ 900h on Resistive Load.
0V to ~3V
+90
LSB
IOUT-R-DAC-RED
Read Output Current, Read DAC at
Full-Scale, IOUT1 or IOUT2
PREAD = 0xFFF, IAPC = 0,
Reg 1-21 = 8F
110
130
170
mA
PSRR-FS
Power Supply Rejection - Ful-Scale
Current
varying the VSO (Note 14)
-42
dB
TC-FS-IOUT
Temperature Coefficient - Full-Scale
Current
Not including the RSET
tempco
(Note 20) 0°C to +85°C
-48
ppm/C
ZS-R
Zero-Scale Error
VIOUT = 2V (Note 16)
-80
0
80
LSB
NOTES:
19. Full scale output current power supply sensitivity (SFS) is measured by varying the VSO from 4.5V to 5.5V DC and measuring
the effect of this signal on the full-scale output current.
20. Full scale output current temperature coefficient (TFS) is given by delta (full scale output current)/(T).
21. Zero-scale error (ZS) is the deviation from zero current output when the digital input code is zero.
22. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
HFM (High Frequency Modulator)
Standard conditions unless otherwise noted.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
IMAX-RED-OFF-LINK
Max HFM Off DC Output, IOUT1 or
IOUT2 in Link Mode
HFMOFF = 0xFFF
90
120
160
mA
IMAX-RED-OFF-UNLINK Max HFM Off DC Output, IOUT1 or
IOUT2 in Unlink mode
HFMOFF = 0xFFF
80
115
150
mA
IMAX-BLUE-OFF
Max HFM Off DC Output, IBLUE
HFMOFF = 0xFFF
50
62
80
mA
IMIN-RED-OFF
Min HFM Off DC Output, IOUT1 or
IOUT2
HFMOFF = 0x000
-3
0
3
mA
IMIN-BLUE-OFF
Min HFM Off DC Output, IBLUE
HFMOFF = 0x000
-3
0
3
mA
IMAX-RED-ON-LINK
Max HFM Oscillator Output, IOUT1 or
IOUT2 in Link Mode
HFMON = Reg 0-17h = 0xFF
118
mAP-P
IMAX-RED-ON-UNLINK Max HFM Oscillator Output, IOUT1 or
IOUT2 in Unlink Mode
HFMON = Reg 0-17h = 0xFF
114
mAP-P
IMAX-BLUE-ON
Max HFM Oscillator Output, IBLUE
HFMON = 0xFF
60
mAP-P
FOSC-HI-MAX
Max HFM Frequency, High Range
Reg 0-16 = FFh, Reg X-00 bit 6 = 0 900
1020
1250
MHz
FOSC-HI-MIN
Min HFM Frequency, High Range
Reg 0-16 = 01h, Reg X-00 bit 6 = 0 120
175
240
MHz
FOSC-LO-MAX
Max HFM Frequency, Low Range
Reg 0-16 = FFh, Reg X-00 bit 6 =1 425
525
625
MHz
FOSC-LO-MIN
Min HFM Frequency, Low Range
Reg 0-16 = 01h, Reg X-00 bit 6 = 1
55
78
105
MHz
PSRROSC-FREQ
PSRR -HFM Frequency
VSO from 4.5V to 5.0V
0.5
%/V
PSRROSC-AMP-IOUT
PSRR - HFM Amplitude
350MHz; HFMON = FFh; Link
3
%/V
PSRROSC-AMP-IBLUE
PSRR - HFM Amplitude
700MHz; HFMON = FFh; Link
1.2
%/V
TFOSC400MAX
HFM Frequency Temperature
Coefficient
Range from 200MHz to 400MHz
0 - 900
ppm/C
TFOSC900MAX
HFM Frequency Temperature
Coefficient
Range from 400MHz to 900MHz
±250
ppm/C
VRFREQ
RFREQ Pin Voltage
RFREQ = 4.7k
0.9
1.11
1.2
V
ISL58781


Similar Part No. - ISL58781CRZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL58781CRZ-T13 RENESAS-ISL58781CRZ-T13 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
More results

Similar Description - ISL58781CRZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL58792 INTERSIL-ISL58792 Datasheet
458Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
ISL58781 RENESAS-ISL58781 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
ISL58797 RENESAS-ISL58797 Datasheet
195Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
logo
Intersil Corporation
ISL58797 INTERSIL-ISL58797 Datasheet
116Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
logo
Renesas Technology Corp
ISL58797 RENESAS-ISL58797_V01 Datasheet
207Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
April 26, 2012
logo
Analog Devices
AD9661A AD-AD9661A Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
logo
Analog Devices
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com