Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS87 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSS87
Description  SIPMOSSmall-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS87 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSS87_16 Datasheet HTML 1Page - Infineon Technologies AG BSS87_16 Datasheet HTML 2Page - Infineon Technologies AG BSS87_16 Datasheet HTML 3Page - Infineon Technologies AG BSS87_16 Datasheet HTML 4Page - Infineon Technologies AG BSS87_16 Datasheet HTML 5Page - Infineon Technologies AG BSS87_16 Datasheet HTML 6Page - Infineon Technologies AG BSS87_16 Datasheet HTML 7Page - Infineon Technologies AG BSS87_16 Datasheet HTML 8Page - Infineon Technologies AG BSS87_16 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2016-05-30
Page 3
BSS87
Rev.
2.0
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
VDS³2*ID*RDS(on)max,
ID=0.21A
0.16
0.33
-
S
Input capacitance
Ciss
VGS=0, VDS=25V,
f=1MHz
-
77.5
97
pF
Output capacitance
Coss
-
11.2
14
Reverse transfer capacitance
Crss
-
5.8
7.3
Turn-on delay time
td(on)
VDD=120V, VGS=10V,
ID=0.28A, RG=6W
-
3.7
5.5
ns
Rise time
tr
-
3.5
5.2
Turn-off delay time
td(off)
-
17.6
26.4
Fall time
tf
-
27.3
41
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=192V, ID=0.26A
-
0.14
0.21
nC
Gate to drain charge
Qgd
-
1.7
2.5
Gate charge total
Qg
VDD=192V, ID=0.26A,
VGS=0 to 10V
-
3.7
5.5
Gate plateau voltage
V(plateau) VDD=192V, ID = 0.26 A
-
2.7
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TA=25°C
-
-
0.26
A
Inv. diode direct current, pulsed ISM
-
-
1.04
Inverse diode forward voltage
VSD
VGS=0, IF = IS
-
0.82
1.2
V
Reverse recovery time
trr
VR=120V, IF=lS,
diF/dt=100A/µs
-
53.6
80.4
ns
Reverse recovery charge
Qrr
-
101
152
nC


Similar Part No. - BSS87_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS87 INFINEON-BSS87_10 Datasheet
12Mb / 8P
   SIPMOS Small-Signal-Transistor
Rev. 1.41 2010-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com