Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP613P Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSP613P
Description  SIPMOS횘 Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP613P Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSP613P_16 Datasheet HTML 1Page - Infineon Technologies AG BSP613P_16 Datasheet HTML 2Page - Infineon Technologies AG BSP613P_16 Datasheet HTML 3Page - Infineon Technologies AG BSP613P_16 Datasheet HTML 4Page - Infineon Technologies AG BSP613P_16 Datasheet HTML 5Page - Infineon Technologies AG BSP613P_16 Datasheet HTML 6Page - Infineon Technologies AG BSP613P_16 Datasheet HTML 7Page - Infineon Technologies AG BSP613P_16 Datasheet HTML 8Page - Infineon Technologies AG BSP613P_16 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
20
16-05-30
Rev.2.
8
Page 3
BSP613P
Electrical Characteristics
, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
|VDS|≥2*|ID|*RDS(on)max ,
ID=2.9A
2.7
5.4
-
S
Input capacitance
Ciss
VGS=0, VDS=-25V,
f
=1MHz
-
715
875
pF
Output capacitance
Coss
-
230
295
Reverse transfer capacitance
Crss
-
90
120
Turn-on delay time
td(on)
VDD=-30V, VGS=-10V,
ID=2.9A, RG=2.7Ω
-
6.7
17
ns
Rise time
tr
-
9
18
Turn-off delay time
td(off)
-
26
52
Fall time
tf
-
7
19
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=-48V, ID=2.9A
-
2.5
3.8
nC
Gate to drain charge
Qgd
-
8.9
14.3
Gate charge total
Qg
VDD=-48V, ID=2.9A,
VGS=0 to -10V
-
22
33
Gate plateau voltage
V(plateau) VDD=-48V, ID=2.9A
-
-3.9
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TA=25°C
-
-
-2.9
A
Inv. diode direct current, pulsed ISM
-
-
-11.6
Inverse diode forward voltage
VSD
VGS=0V, |IF| = |IS|
-
-0.8
-1.1
V
Reverse recovery time
trr
VR=-30V, |IF| = |IS|,
diF/dt=100A/µs
-
37.2
79
ns
Reverse recovery charge
Qrr
-
59.8
112
nC


Similar Part No. - BSP613P_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP613P INFINEON-BSP613P_07 Datasheet
688Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev.2.4 2007-02-08
More results

Similar Description - BSP613P_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG_12 Datasheet
440Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
BSO612CV INFINEON-BSO612CV_12 Datasheet
392Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
SN7002W INFINEON-SN7002W_11 Datasheet
317Kb / 8P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.5 2011-07-13
BSP315P-E6327 INFINEON-BSP315P-E6327 Datasheet
543Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev.1.7 2012-11-26
SN7002N INFINEON-SN7002N_11 Datasheet
333Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.6 2011-07-11
SN7002W INFINEON-SN7002W_09 Datasheet
1Mb / 8P
   SIPMOS횘 Small-Signal-Transistor Feature N-Channel Enhancement mode
Rev. 2.4 2009-08-19
SPB80P06PG INFINEON-SPB80P06PG_11 Datasheet
613Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-09-01
SPP80P06PH INFINEON-SPP80P06PH Datasheet
612Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.5 2011-09-01
SPP08P06PH INFINEON-SPP08P06PH Datasheet
484Kb / 10P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-08-31
SPD30N03 INFINEON-SPD30N03 Datasheet
111Kb / 8P
   SIPMOS횘 Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com