Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K8SR41G Datasheet(PDF) 1 Page - C&K Components

Part # K8SR41G
Description  Lighted SMT Tact Switch with Rugged LED Mounting Process
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

K8SR41G Datasheet(HTML) 1 Page - C&K Components

  K8SR41G Datasheet HTML 1Page - C&K Components K8SR41G Datasheet HTML 2Page - C&K Components K8SR41G Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B–67
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
K8
Lighted SMT Tact Switch with Rugged LED Mounting Process
Features
LED assembly without soldering
Various LED options
No light perturbation
Sound haptic
Various climatic classes
Mechanical
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: 1 make control = SPST, N.O.
TERMINALS: Gullwing type for SMT, peg as option, 2 terminals
for LED
Tolerances on actuation force is ± 0.25%.
SEALING LEVEL: IP40
Actuation
Operating
Total
Force
Life
Travel
Type
(N)
(operations)
(mm)
K8xx41G LFS
4.0
300,000
0.45±0.15
Typical Applications
Automotive
Network equipment
Telecommunications
Medical equipment
Industrial controls
Packaging
In reels of 900 pieces under sealed foil.
Dimensions of reels according to EIA RS481 or IEC 2863.
External diameter 380 mm.
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and and place it in the appropriate box.
LED color
PG Pure Green
SR Super Red
OG Orange
BU Blue
WH White
Contact Material
1 Silver
3 Gold as option
Termination
G Gulf wing
K
8
4
G
Operating Force
4 4.0 N
LFS RoHS compliant and compatible. Silver plated.
LFG RoHS compliant and compatible. Gold plated.
Electrical
Silver
Gold
MAXIMUM POWER:
1.0 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
0.1 mA
DIELECTRIC STRENGTH: (50 Hz, 1 min.)
250 Vrms
CONTACT RESISTANCE: < 100m
INSULATION RESISTANCE: (100 V, inital stage) > 109
BOUNCE TIME: < 10 ms
Environmental
OPERATING TEMPERATURE:
-40˚C to +85˚C (Silver)
-40˚C to +125˚C (Gold)
STORAGE TEMPERATURE:
-55˚C to +85˚C (Silver)
-40˚C to +125˚C (Gold)
Process
SOLDERING: Compatible with the lead free soldering profile.
No washing
MSL level: 5
NOTE:
The specifications show in the datasheet are for reference only and are not valid for
design-in work. Please contact your sales representative to request drawings and
product specifications.
For systems where reliability and safety are required, please contact your sales
representative to secure product integration and function to secure usage.
Illumination Colors
White, blue, pure green, orange, super red
LED technical information available on product specification.
For any extra color, please contact your sales representative.


Similar Part No. - K8SR41G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8S1215ETC SAMSUNG-K8S1215ETC Datasheet
1Mb / 83P
   512Mb C-die NOR FLASH
K8S2815ETE SAMSUNG-K8S2815ETE Datasheet
1Mb / 55P
   128Mb E-die NOR FLASH
K8S5615ETC SAMSUNG-K8S5615ETC Datasheet
1Mb / 65P
   256Mb C-die NOR Flash
K8S6415EBB-DC7C SAMSUNG-K8S6415EBB-DC7C Datasheet
905Kb / 39P
   64M Bit (4M x16) Muxed Burst , Multi Bank NOR Flash Memory
K8S6415EBB-DE7C SAMSUNG-K8S6415EBB-DE7C Datasheet
905Kb / 39P
   64M Bit (4M x16) Muxed Burst , Multi Bank NOR Flash Memory
More results

Similar Description - K8SR41G

ManufacturerPart #DatasheetDescription
logo
C&K Components
K5AT CK-COMPONENTS-K5AT Datasheet
448Kb / 2P
   Lighted SMT Tact Switch
logo
ITT Industries
K5V_SMT ITT-K5V_SMT Datasheet
220Kb / 2P
   Right Angle Lighted SMT Tact Switch
logo
C&K Components
K5V CK-COMPONENTS-K5V Datasheet
743Kb / 6P
   Right Angle Lighted SMT Tact Switch
logo
ITT Industries
K5V ITT-K5V Datasheet
740Kb / 6P
   Right Angle Lighted SMT Tact Switch
K5V_PM ITT-K5V_PM Datasheet
238Kb / 2P
   Panel Mount Lighted Tact Switch
K5V_THT ITT-K5V_THT Datasheet
461Kb / 2P
   Right Angle Lighted THT Tact Switch
logo
C&K Components
K8 CK-COMPONENTS-K8 Datasheet
367Kb / 2P
   Illuminated SMT Tact Switch with Dedicated LED
10 jan 18
K5AT CK-COMPONENTS-K5AT_V01 Datasheet
341Kb / 2P
   Illuminated SMT Tact Switch
10 jan 18
KSC5 CK-COMPONENTS-KSC5 Datasheet
167Kb / 2P
   Tact Switch with Rocker Option for SMT
logo
ITT Industries
KSC5 ITT-KSC5 Datasheet
63Kb / 3P
   Tact Switch with Rocker Option for SMT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com