Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-22I05 Datasheet(PDF) 7 Page - C&K Components

Part # PS-22I05
Description  Pushbutton Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PS-22I05 Datasheet(HTML) 7 Page - C&K Components

Back Button PS-22I05 Datasheet HTML 3Page - C&K Components PS-22I05 Datasheet HTML 4Page - C&K Components PS-22I05 Datasheet HTML 5Page - C&K Components PS-22I05 Datasheet HTML 6Page - C&K Components PS-22I05 Datasheet HTML 7Page - C&K Components PS-22I05 Datasheet HTML 8Page - C&K Components PS-22I05 Datasheet HTML 9Page - C&K Components PS-22I05 Datasheet HTML 10Page - C&K Components PS-22I05 Datasheet HTML 11Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
A-141
Dimensions are
shown: mm
Specifications and dimensions subject to
change
www.ck-components.com
A
S2
S1
COMAX
S3
PIERCING PLAN
2-ø1.6
+0.05
0
26.9±0.05
2.0±0.05
SCHEMATIC
20.5
5.1
10.4
5.0
6.1
4.5
2-5.0+0.1
-0.15
2-1.0±0.1
2-8.0+0.1
-0.2
(C-0.25)
H
5.0±0.1
1.0±0.1
2 2 2
3.8
3.2
K
J
TYP.4
27.0±0.2
22.5±0.2
7.2
7.2
2-0.8±0.1
2-Ø1.5±0.05
20.5
(R1.0)
(R0.6)
1.0
5.0
9.4
t=1.2mm: 2.0 x 8.2mm
4.0
2-1.7
2-1.0
2-90°
4-C0.1
J
5:1
0.3
0.6±0.05
H
2.5:1
2-1.4
2-1.5
2.5:1
K
A
A
2:1
A-A
12
3
4
S1
S2
S3
4
3
2
1
b
b
PS Series
Miniature Pushbutton Switches
Specifications
CONTACT RATING: 100 µ A @ 3 VDC min. /
10mA @ 5 VDC max
INITIAL CONTACT RESISTANCE: 100 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 250 V AC (50-60 Hz)
between open terminals and between the
frame and terminal.
OPERATING LIFE: 100,000 cycles with load
OPERATING FORCE: 80 ± 20 gf (0.784 ± 0.196N)
PRE-TRAVEL: 1.5 ± 0.3 mm
OVER-TRAVEL: 3.5 ± 0.3 mm
TOTAL TRAVEL: 5 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 65˚C
Materials
KNOB: POM (UL 94HB)
COVER: PA (UL 94V-0)
HOUSING: PA (UL 94V-0)
SPRING: SUS
TERMINAL: Silver plated
PS-32C02-F NS 1P3T NON-SHORTING
Specifications
CONTACT RATING: 100 µ A @ 3 VDC min. /
10mA @ 5 VDC max
INITIAL CONTACT RESISTANCE: 100 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 250 V AC (50-60 Hz) between
open terminals and between the frame and terminal.
OPERATING LIFE: 100,000 cycles with load
OPERATING FORCE: 80 ± 20 gf (0.784 ± 0.196N)
PRE-TRAVEL: 1.5 ± 0.3 mm
OVER-TRAVEL: 3.5 ± 0.3 mm
TOTAL TRAVEL: 5 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 65˚C
Materials
KNOB: POM (UL 94HB)
COVER: PA (UL 94V-0)
HOUSING: PA (UL 94V-0)
SPRING: SUS
TERMINAL: Silver plated
PS-42C02-F NS 1P4T NON-SHORTING
2:1
1.0
5.0
9.4
A
A
A-A
2.5:1
K
2-90°
2-1.0
2-1.7
6.0
4-C0.1
J
5:1
0.3
0.6
H
2.5:1
2-1.4
2-1.5
22 2
2
H
S4
S3
S2
S1
PIERCING PLAN
SCHEMATIC
2-ø1.6
+0.05
0
34.1±0.05
2.3±0.05
3.8±0.05
t=1.0mm: 2.3 x 8.2mm
t=1.2mm: 3.8 x 8.2mm
27.7
(R1.0)
(R0.6)
34.2+0.60
0
7.2
7.2
7.2
29.7
2-Ø1.5±0.05
1.0±0.1
5.0±0.1
K
J
TYP.5
3.2
3.8
2-5.0 +0.1
-0.15
2-8.0 +0.1
-0.2
2-1.0±0.1
6.1
20.5
5.0
10.4
5.1
4.5
2-0.8±0.10
COMAX
(C0.25)
12
5
3
4
S1
S2
S3
S4
4
3
5
2
1


Similar Part No. - PS-22I05

ManufacturerPart #DatasheetDescription
logo
C&K Components
PS-2203-FNSPA CK-COMPONENTS-PS-2203-FNSPA Datasheet
559Kb / 16P
   Latching pushbutton
PS-2203-LNSPA CK-COMPONENTS-PS-2203-LNSPA Datasheet
559Kb / 16P
   Latching pushbutton
PS-2206-FNSPA CK-COMPONENTS-PS-2206-FNSPA Datasheet
559Kb / 16P
   Latching pushbutton
PS-2206-LNSPA CK-COMPONENTS-PS-2206-LNSPA Datasheet
559Kb / 16P
   Latching pushbutton
PS-2214-FNSPA CK-COMPONENTS-PS-2214-FNSPA Datasheet
559Kb / 16P
   Latching pushbutton
More results

Similar Description - PS-22I05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
   PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
   Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com