Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-12C02-FNS Datasheet(PDF) 6 Page - C&K Components

Part # PS-12C02-FNS
Description  Pushbutton Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PS-12C02-FNS Datasheet(HTML) 6 Page - C&K Components

Back Button PS-12C02-FNS Datasheet HTML 2Page - C&K Components PS-12C02-FNS Datasheet HTML 3Page - C&K Components PS-12C02-FNS Datasheet HTML 4Page - C&K Components PS-12C02-FNS Datasheet HTML 5Page - C&K Components PS-12C02-FNS Datasheet HTML 6Page - C&K Components PS-12C02-FNS Datasheet HTML 7Page - C&K Components PS-12C02-FNS Datasheet HTML 8Page - C&K Components PS-12C02-FNS Datasheet HTML 9Page - C&K Components PS-12C02-FNS Datasheet HTML 10Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1
2
2P - 2T
COMAX
4
4
4.5±0.3
1.8
0.8
TRAVEL
18±0.1
16
3
0.5
P VIEW
P
R0.5
SCHEMATIC
CN-1
CN-2
CN-1
CN-2
P
AMP, JST
21.5
14.4
1±0.05
C0.25
10.6
9.2
COMAX
1
6.2±0.35
7.1±0.15
9
13.6
R1
PIERCING PLAN
1.6 +0.2
0
11.6
+0.2
0
0.8?1.0?1.2?1.6mm
8-R0.2
SCHEMATIC
DETAIL:P 8:1
4-C0.1
0.60±0.05
A-140
Dimensions are
shown: mm
Specifications and dimensions subject to
change
www.ck-components.com
A
PS Series
Miniature Pushbutton Switches
Specifications
CONTACT RATING: 100 µ A @ 3 VDC min. / 10mA @ 5 VDC max
INITIAL CONTACT RESISTANCE: 100 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 250 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 100,000 cycles with load
OPERATING FORCE: 50 ± 15 gf (0.49 ± 0.147N)
PRE-TRAVEL: 6.20 ± 0.35 mm
OPERATING TEMPERATURE: -40˚C to 85˚C
Materials
KNOB: POM (UL 94HB)
COVER: PA (UL 94V-0)
HOUSING: PA (UL 94V-0)
SPRING: SUS
TERMINAL: Silver plated
PS-12C02-F NS SPST NON-SHORTING
Specifications
CONTACT RATING: 0.3A @ 30 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between
open terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE: 400 ± 150 gf (3.92 ± 1.47N)
TOTAL TRAVEL: 4.5 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
FRAME: SECC
KNOB: POM (UL 94HB)
CONTACT PLATE: Silver clad
SPRING: SUS
TERMINAL: Silver plated
PS-22I05 DPDT NON-SHORTING
Features/Benefits
Miniature size
Momentary or latching options
Broad range of products
Typical Applications
Industrial
Automotive
Audio and visual equipment
Telecommunications


Similar Part No. - PS-12C02-FNS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS-12-01 ETC2-PS-12-01 Datasheet
60Kb / 1P
   PUSH SPACER
PS-12-19 ETC2-PS-12-19 Datasheet
60Kb / 1P
   PUSH SPACER
logo
Mean Well Enterprises C...
PS-120 MEANWELL-PS-120 Datasheet
185Kb / 2P
   120W Single Output Power Supply or Battery Charger
logo
Altech corporation
PS-120 ALTECH-PS-120 Datasheet
92Kb / 2P
   120W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
PS-120 MEANWELL-PS-120 Datasheet
567Kb / 2P
   120W Single Output Power Supply or Battery Charger
More results

Similar Description - PS-12C02-FNS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
   PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
   Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com