Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GA125TS120U Datasheet(PDF) 2 Page - International Rectifier

Part # GA125TS120U
Description  HALF-BRIDGE IGBT INT-A-PAK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GA125TS120U Datasheet(HTML) 2 Page - International Rectifier

  GA125TS120U Datasheet HTML 1Page - International Rectifier GA125TS120U Datasheet HTML 2Page - International Rectifier GA125TS120U Datasheet HTML 3Page - International Rectifier GA125TS120U Datasheet HTML 4Page - International Rectifier GA125TS120U Datasheet HTML 5Page - International Rectifier GA125TS120U Datasheet HTML 6Page - International Rectifier GA125TS120U Datasheet HTML 7Page - International Rectifier GA125TS120U Datasheet HTML 8Page - International Rectifier GA125TS120U Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
GA125TS120U
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
989 1484
VCC = 400V
Qge
Gate - Emitter Charge (turn-on)
167
250
nC
IC = 148A
Qgc
Gate - Collector Charge (turn-on)
328
492
TJ = 25°C
td(on)
Turn-On Delay Time
186
RG1 = 15Ω, RG2 = 0Ω,
tr
Rise Time
159
ns
IC = 125A
td(off)
Turn-Off Delay Time
459
VCC = 720V
tf
Fall Time
404
VGE = ±15V
Eon
Turn-On Switching Energy
19
mJ
Inductor load
Eoff (1)
Turn-Off Switching Energy
31
Ets (1)
Total Switching Energy
49
75
Cies
Input Capacitance
22258
VGE = 0V
Coes
Output Capacitance
989
pF
VCC = 30V
Cres
Reverse Transfer Capacitance
192
—ƒ = 1 MHz
trr
Diode Reverse Recovery Time
181
ns
IC = 125A
Irr
Diode Peak ReverseCurrent
126
ARG1 = 15Ω
Qrr
Diode Recovery Charge
— 11360
nC
RG2 = 0Ω
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
1875
A/µs
VCC = 720V
During tb
di/dt =1448A/µs
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
1200
——
VGE = 0V, IC = 1mA
VCE(on)
Collector-to-Emitter Voltage
2.2
3.0
VGE = 15V, IC = 125A
2.1
VVGE = 15V, IC = 125A, TJ = 125°C
VGE(th)
Gate Threshold Voltage
3.0
6.0
VCE = 6.0V, IC = 1.5mA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage —
-11
mV/°CVCE = 6.0V, IC = 1.5mA
gfe
Forward Transconductance ➃
170
SVCE = 25V, IC = 125A
ICES
Collector-to-Emitter Leaking Current
——
1.0
mA
VGE = 0V, VCE = 1200V
——
10
VGE = 0V, VCE = 1200V, TJ = 125°C
VFM
Diode Forward Voltage - Maximum
2.7
4.2
V
IF = 125A, VGE = 0V
2.6
IF = 125A, VGE = 0V, TJ = 125°C
IGES
Gate-to-Emitter Leakage Current
——
250
nA
VGE = ±20V
Dynamic Characteristics - TJ = 125°C (unless otherwise specified)
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)


Similar Part No. - GA125TS120U

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
GA1205R6KV WALL-GA1205R6KV Datasheet
218Kb / 7P
   With 6KVDC Isolation Single and Dual Output 2 Watt DC - DC Converter
GA1205RD6KV WALL-GA1205RD6KV Datasheet
218Kb / 7P
   With 6KVDC Isolation Single and Dual Output 2 Watt DC - DC Converter
GA1212R6KV WALL-GA1212R6KV Datasheet
218Kb / 7P
   With 6KVDC Isolation Single and Dual Output 2 Watt DC - DC Converter
GA1212RD6KV WALL-GA1212RD6KV Datasheet
218Kb / 7P
   With 6KVDC Isolation Single and Dual Output 2 Watt DC - DC Converter
GA1215R6KV WALL-GA1215R6KV Datasheet
218Kb / 7P
   With 6KVDC Isolation Single and Dual Output 2 Watt DC - DC Converter
More results

Similar Description - GA125TS120U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GA250TS60U IRF-GA250TS60U Datasheet
230Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
GA100TS60U IRF-GA100TS60U Datasheet
216Kb / 10P
   HALF-BRIDGE" IGBT INT-A-PAK
GA50TS120U IRF-GA50TS120U Datasheet
220Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
GA200HS60S IRF-GA200HS60S Datasheet
101Kb / 6P
   HALF-BRIDGE IGBT INT-A-PAK
GA100TS120U IRF-GA100TS120U Datasheet
269Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
GA100TS60U IRF-GA100TS60U Datasheet
216Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
GA75TS60U IRF-GA75TS60U Datasheet
216Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
GA400TD25S IRF-GA400TD25S Datasheet
203Kb / 10P
   HALF-BRIDGE IGBT DUAL INT-A-PAK
GA250TD120U IRF-GA250TD120U Datasheet
240Kb / 10P
   HALF-BRIDGE IGBT DOUBLE INT-A-PAK
GA500TD60U IRF-GA500TD60U Datasheet
237Kb / 10P
   HALF-BRIDGE IGBT DUAL INT-A-PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com