Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17532 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17532
Description  Wide 4V to 42V Input
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17532 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17532 Datasheet HTML 7Page - Maxim Integrated Products MAX17532 Datasheet HTML 8Page - Maxim Integrated Products MAX17532 Datasheet HTML 9Page - Maxim Integrated Products MAX17532 Datasheet HTML 10Page - Maxim Integrated Products MAX17532 Datasheet HTML 11Page - Maxim Integrated Products MAX17532 Datasheet HTML 12Page - Maxim Integrated Products MAX17532 Datasheet HTML 13Page - Maxim Integrated Products MAX17532 Datasheet HTML 14Page - Maxim Integrated Products MAX17532 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
EN/UVLO
1.25V
INTERNAL
LDO
REGULATOR
PFM/PWM
CONTROL
LOGIC
1.22V
MODE
THERMAL
SHUTDOWN
MODE SELECT
CHIPEN
FB
PWM
CS
SLOPE
INTERNAL OR
EXTERNAL
SOFT-START
CONTROL
ERROR
AMPLIFIER
OSCILLATOR
CLK
SLOPE
PEAK-LIMIT
PFM
HIGH-SIDE
DRIVER
CURRENT-
SENSE
LOGIC
LOW-SIDE
DRIVER
DH
DL
SINK-LIMIT
CS
LX
RESET
GND
SS
RT/SYNC
VCC_INT
IN
VOUT
VCC_INT
POK
CLK
CURRENT-
SENSE
AMPLIFIER
CURRENT
SENSE
AMPLIFIER
2ms
DELAY
0.76V
NEGATIVE
CURRENT
REF
FB
MAX17532
MAX17532
42V, 100mA, Ultra-Small, High-Efficiency
Synchronous Step-Down DC-DC Converter
with 22µA No-Load Supply Current
www.maximintegrated.com
Maxim Integrated │ 11
Block Diagram


Similar Part No. - MAX17532

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17532 MAXIM-MAX17532 Datasheet
995Kb / 9P
   Output-Voltage Application
Rev 0; 7/15
MAX17532 MAXIM-MAX17532 Datasheet
990Kb / 9P
   5V Output Voltage Applications
Rev 0; 7/15
MAX17532 MAXIM-MAX17532 Datasheet
1Mb / 21P
   42V, 100mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter with 22關A No-Load Supply Current
2017
MAX17532ATB++ MAXIM-MAX17532ATB+ Datasheet
1Mb / 21P
   42V, 100mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter with 22關A No-Load Supply Current
2017
MAX17532ATBEVKIT MAXIM-MAX17532ATBEVKIT Datasheet
990Kb / 9P
   5V Output Voltage Applications
Rev 0; 7/15
More results

Similar Description - MAX17532

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP501A CYPRESS-S6BP501A Datasheet
947Kb / 23P
   Wide input voltage range : 2.5V to 42V (DD3V)
logo
Maxim Integrated Produc...
MAXM17532 MAXIM-MAXM17532 Datasheet
1,005Kb / 17P
   4V to 42V, 100mA, Himalaya uSLIC Step-Down Power Module
Rev 5; 5/18
MAX17600EVKIT MAXIM-MAX17600EVKIT Datasheet
1Mb / 10P
   4V to 14V Input Range
Rev 0; 6/12
MAXM17532 MAXIM-MAXM17532_V01 Datasheet
1,018Kb / 17P
   4V to 42V, 100mA, Himalaya uSLIC Step-Down Power Module
2020
MAX25201EVKIT MAXIM-MAX25201EVKIT Datasheet
881Kb / 7P
   4.5V to 42V Input Supply Range
Rev 0; 8/19
MAX17681 MAXIM-MAX17681_18 Datasheet
762Kb / 19P
   4.5V to 42V Input, High-Efficiency
Rev 4; 3/18
logo
Texas Instruments
LM22675 TI-LM22675 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Input Voltage Range: 4.5V to 42V, Internally Compensated Voltage Mode Control
logo
Maxim Integrated Produc...
MAX17682 MAXIM-MAX17682 Datasheet
785Kb / 19P
   4.5V to 42V Input, Ultra-Small
Rev 1; 4/18
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
logo
Maxim Integrated Produc...
MAX5092 MAXIM-MAX5092_08 Datasheet
479Kb / 24P
   4V to 72V Input LDOs with Boost Preregulator
Rev 1; 1/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com