Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31914 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX31914
Description  Ultra-Low Power Industrial
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31914 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX31914 Datasheet HTML 1Page - Maxim Integrated Products MAX31914 Datasheet HTML 2Page - Maxim Integrated Products MAX31914 Datasheet HTML 3Page - Maxim Integrated Products MAX31914 Datasheet HTML 4Page - Maxim Integrated Products MAX31914 Datasheet HTML 5Page - Maxim Integrated Products MAX31914 Datasheet HTML 6Page - Maxim Integrated Products MAX31914 Datasheet HTML 7Page - Maxim Integrated Products MAX31914 Datasheet HTML 8Page - Maxim Integrated Products MAX31914 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Voltage on VCC24V Relative to GND ....................-0.3V to +45V
Voltage on IN1–IN8 Relative to GND
through 2.2kΩ Resistors.....................................-45V to +45V
Voltage on DB0/DB1,
VTSELECT Relative to GND..................... -0.3V to 6V + 0.3V
Ambient Temperature Range ........................... -40°C to +125°C
Junction Temperature Range ........................... -40°C to +150°C
Storage Temperature Range............................ -55°C to +125°C
Continuous Power Dissipation (TA = +70°C)
(derate 22.2mW/°C above +70°C) .........................1773.8mW
Soldering Temperature, Lead(Pb)-Free (reflow) ...............260°C
Lead Temperature (soldering, 10s) ...................................300°C
TSSOP
Junction-to-Ambient Thermal Resistance (θJA) .....45.10°C/W
Junction-to-Case Thermal Resistance (θJC).................1°C/W
(Note 1)
(TA = -40°C to +125°C, TJ ≤ 150°C, VCC24V = 7V to 36V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Field-Supply Voltage
VCC24V
Note 2
7
36
V
Field Inputs Voltage
VInn
Note 3
-0.3
+36
V
Logic Inputs Voltage
VLOGIC
-0.3
+5.5
V
Current-Limit Setting Resistor
RREF
VTSELECT = logic 1
15
kΩ
VTSELECT = logic 0
150
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Field-Supply Curent
ICC24V
IN1–IN8 = 24V, 5VOUT = open,
OP1–OP8 and all logic inputs = open
1.6
2.3
mA
Field-Supply Low Alarm Off-On
VONUVLO
7
8
V
Field-Supply Low Alarm On-Off
VOFFUVLO
9
10
V
Field Input Threshold, High to Low
VIN1-(INF)
2.2kΩ external series resistor,
VTSELECT = logic 1, RREF = 15kΩ
7
8.4
V
Field Input Threshold, Low to High
(Note 4)
VIN1+(INF)
2.2kΩ external series resistor,
VTSELECT = logic 1, RREF = 15kΩ
9.4
10.5
V
Field Input Hysterisis (Note 4)
VHYS1(INF)
2.2kΩ external series resistor,
VTSELECT = logic 1, RREF = 15kΩ
1
V
Field Input Threshold, High to Low
VIN0-(INF)
2.2kΩ external series resistor,
VTSELECT = logic 0, RREF = 150kΩ
1.5
1.7
V
MAX31914
Ultra-Low Power Industrial, Octal,
Digital Input Translator
www.maximintegrated.com
Maxim Integrated │ 3
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Recommended Operating Conditions
DC Electrical Characteristics


Similar Part No. - MAX31914

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31914 MAXIM-MAX31914 Datasheet
1Mb / 10P
   Fully Assembled and Tested
19-6780; Rev 1; 5/15
MAX31914EVKIT MAXIM-MAX31914EVKIT Datasheet
1Mb / 10P
   Fully Assembled and Tested
19-6780; Rev 1; 5/15
More results

Similar Description - MAX31914

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31912 MAXIM-MAX31912 Datasheet
1Mb / 18P
   Ultra-Low Power Industrial
Rev 3; 4/15
MAX31910 MAXIM-MAX31910_V01 Datasheet
888Kb / 19P
   Ultra-Low Power Industrial, Octal, Digital Input Translator/Serializer
19-6440; Rev 6; 8/17
logo
ON Semiconductor
AX-SFUS ONSEMI-AX-SFUS Datasheet
197Kb / 20P
   Ultra-Low Power
July, 2017 ??Rev. 3
logo
Maxim Integrated Produc...
MAX7037 MAXIM-MAX7037 Datasheet
987Kb / 35P
   Sub-1GHz, Ultra-Low-Power, RF ISM Transceiver for Consumer/Industrial Applications
Rev 0; 9/16
logo
Semtech Corporation
XE8806A SEMTECH-XE8806A Datasheet
894Kb / 143P
   Ultra Low-Power Low-Voltage
logo
Texas Instruments
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS4122 TI1-ADS4122_16 Datasheet
3Mb / 74P
[Old version datasheet]   Ultra Low-Power ADC
logo
Renesas Technology Corp
RL78-L12 RENESAS-RL78-L12 Datasheet
1Mb / 136P
   Ultra-Low Power Technology
logo
STMicroelectronics
STM32L162XE STMICROELECTRONICS-STM32L162XE Datasheet
1Mb / 129P
   Ultra-low-power platform
February 2016 Rev 6
logo
ON Semiconductor
AX8052F100 ONSEMI-AX8052F100_18 Datasheet
224Kb / 22P
   Ultra-Low Power Microcontroller
May, 2018 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com