Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31915 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX31915
Description  Low Power and Low Heat Dissipation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31915 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX31915 Datasheet HTML 3Page - Maxim Integrated Products MAX31915 Datasheet HTML 4Page - Maxim Integrated Products MAX31915 Datasheet HTML 5Page - Maxim Integrated Products MAX31915 Datasheet HTML 6Page - Maxim Integrated Products MAX31915 Datasheet HTML 7Page - Maxim Integrated Products MAX31915 Datasheet HTML 8Page - Maxim Integrated Products MAX31915 Datasheet HTML 9Page - Maxim Integrated Products MAX31915 Datasheet HTML 10Page - Maxim Integrated Products MAX31915 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Typical Operating Characteristics (continued)
(TA = +25°C, RREF = 15kω, unless otherwise noted.)
LDO OUTPUT VOLTAGE
vs. TEMPERATURE
AMBIENT TEMPERATURE (°C)
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
4.90
-40
110
60
10
I5VOUT = 5mA
CURRENT LIMIT
vs. FIELD INPUT VOLTAGE
FIELD INPUT VOLTAGE (V)
4
2
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
0
VTSELECT = 0
RREF = 100kΩ
OUTPUT RISE/FALL TIME
vs. TEMPERATURE
TEMPERATURE (°C)
110
60
10
20
25
30
35
40
15
-40
RISE TIME
FALL TIME
PROPAGATION DELAY vs. TEMPERATURE
(FIELD INPUT VOLTAGE = 18V)
TEMPERATURE (°C)
60
110
10
150
200
250
300
350
400
450
500
550
600
100
-40
VTSELECT = 1
RREF = 15kΩ
RISE TIME
FALL TIME
PROPAGATION DELAY vs. TEMPERATURE
(FIELD INPUT VOLTAGE = 4.5V)
TEMPERATURE (°C)
110
60
10
400
450
500
550
600
350
-40
VTSELECT = 0
RREF = 100kΩ
RISE TIME
FALL TIME
LDO LINE REGULATION
SUPPLY VOLTAGE (V)
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
4.90
6
36
31
26
21
16
11
I5VOUT = 50mA
LDO OUTPUT
vs. VCC24V FIELD SUPPLY
SUPPLY VOLTAGE (V)
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
4.5
4
34
24
14
I5VOUT = 50mA
LDO OUTPUT VOLTAGE
vs. TEMPERATURE
AMBIENT TEMPERATURE (°C)
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
4.90
-40
110
60
10
I5VOUT = 0mA
MAX31915
Industrial, Octal, Digital Input Translator
Maxim Integrated │ 7
www.maximintegrated.com
PROPAGATION DELAY vs. TEMPERATURE
(FIELD INPUT VOLTAGE = 18V)
TEMPERATURE (°C)
60
110
10
150
200
250
300
350
400
450
500
550
600
100
-40
VTSELECT = 1
RREF = 15kΩ
RISE TIME
FALL TIME


Similar Part No. - MAX31915

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31915 MAXIM-MAX31915 Datasheet
1Mb / 10P
   Fully Assembled and Tested
19-6780; Rev 1; 5/15
More results

Similar Description - MAX31915

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14912 MAXIM-MAX14912 Datasheet
733Kb / 30P
   Low Power and Heat Dissipation
Rev 3; 8/16
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64_14 Datasheet
293Kb / 15P
   Low Power Dissipation
logo
Vishay Siliconix
TLVH42N2Q2 VISHAY-TLVH42N2Q2 Datasheet
143Kb / 5P
   Low power dissipation
Rev. 1.2, 14-Oct-14
logo
Unisonic Technologies
U74LVC1G86G-AE5-R UTC-U74LVC1G86G-AE5-R Datasheet
204Kb / 5P
   Low power dissipation
U74LVC1G139G-S08-R UTC-U74LVC1G139G-S08-R Datasheet
205Kb / 5P
   Low power dissipation
logo
Optoway Technology Inc
QPM-2100WG OPTOWAY-QPM-2100WG Datasheet
512Kb / 8P
   Low Power Dissipation
logo
Hitachi Semiconductor
HG61H HITACHI-HG61H Datasheet
1Mb / 30P
   Low power dissipation
logo
Nell Semiconductor Co.,...
D7100W NELLSEMI-D7100W Datasheet
1Mb / 3P
   Low power dissipation
logo
Unisonic Technologies
U74AUP1T157G-AL6-R UTC-U74AUP1T157G-AL6-R Datasheet
202Kb / 6P
   Low power dissipation
logo
Nell Semiconductor Co.,...
D12000W NELLSEMI-D12000W Datasheet
3Mb / 3P
   Low power dissipation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com