Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S32 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # S32
Description  Low Power Loss,High Efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

S32 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  S32 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. S32 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
S325
S315-S320
S38 - S310
S35 - S36
S32 - S345
64
48
32
16
80
1.5
3.0
version:01
2of2
0.01
0.1
1.0
10
0
0.4
0.8
1.2
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typ. Forward Characteristics
F
T - 25ºC
I Pulse Width = 300 s
F
µ
0
25
50
75
100
125
150
T , LEAD TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
L
0
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
T = 100 C
°
A
S32
S32 THRU
5
5
.4T
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig
ypical Reverse Characteristics (per element)
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
www.dyelec.com


Similar Part No. - S32

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S32 NKK-S32 Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
logo
Yea Shin Technology Co....
S32 YEASHIN-S32 Datasheet
386Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
S32 YANGJIE-S32 Datasheet
99Kb / 2P
   Schottky Rectifier
logo
RFE international
S32 RFE-S32 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-11-2022
logo
PANDUIT CORP.
S32-175-L PANDUIT-S32-175-L Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
More results

Similar Description - S32

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR20H200CT PANJIT-MBR20H200CT Datasheet
111Kb / 4P
   Low power loss, high efficiency.
logo
New Jersey Semi-Conduct...
MBR1635 NJSEMI-MBR1635 Datasheet
81Kb / 1P
   Low power loss, high efficiency
logo
DIYI Electronic Technol...
SS14L DYELEC-SS14L Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
S22 DYELEC-S22 Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
SS32U DYELEC-SS32U Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
SS52U DYELEC-SS52U Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
logo
Sangdest Microelectroni...
SK32BF SMC-SK32BF Datasheet
252Kb / 4P
   Low power loss, high efficiency
logo
DIYI Electronic Technol...
KMB32S DYELEC-KMB32S Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
MUR810 DYELEC-MUR810 Datasheet
789Kb / 3P
   Low power loss, high efficiency
logo
Micro Commercial Compon...
MBR10U60 MCC-MBR10U60 Datasheet
466Kb / 3P
   Low Power loss, High efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com