Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB2250 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SB2250
Description  2.0 AMP. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SB2250 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SB2250 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SB2250 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
31
version:01
1of2
220 THRU
225 0
High surge current capability
High reliability
High current capability
Low forward voltage drop
/W
J
0.05
x
2.P.C.B.mounted with 0.2 0.2"
copper pad areas
(5.0 5.0mm)
Ambient(Note 2)
-55 to + 150
75.0
180
220
10.0
0.1
mA
=100
=75
Typical Junction Capacitance
B
S
Mechanical Data
· Case: Molded plastic
DO-15
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Features
Maximum Ratings and Electrical Characteristics
B
S
SYMBOL
SB
220
SB
230
SB
240
SB
250
SB
260
SB
280
SB
2100
SB
2150
SB
2200
Unit
VRRM
V
VRMS
V
VDC
V
IO
A
IFSM
A
VFM
0.92
V
C
pF
R
TJ
TSTG
Note: 1. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
0.7
0.85
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Average Rectified Output Current (Note 1)
@TL
2.0
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
60
Forward Voltage
@IF=2.0A
Peak Reverse Current
@TA=25
0.55
Operating Temperature Range
Storage Temperature Range
-55 to + 150
At Rated DC Blocking Voltage @TA
IR
Typical Thermal Resistance Junction to
20
30
40
50
60
80
100
150
200
14
21
26
35
42
56
80
105
140
20
30
40
50
60
80
100
150
200
2.0 AMP. Schottky Barrier Rectifiers
x
5.0
·
·
·
·
Plastic material-UL flammability 94V-0
·
Dimensions in inches and (millimeters)
MIN.
MIN.
DIA.
DIA.
DO-15
SB
2250
0.95
250
250
175
www.dyelec.com
SB
245
45
45
5
.
θJA


Similar Part No. - SB2250

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SB2250U DYELEC-SB2250U Datasheet
997Kb / 2P
   2.0 AMP. Schottky Barrier Rectifiers
More results

Similar Description - SB2250

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SR220 UNIOHM-SR220 Datasheet
65Kb / 2P
   2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
SR220 FCI-SR220 Datasheet
132Kb / 2P
   2.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM2200A SECOS-SM2200A_15 Datasheet
249Kb / 2P
   2.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR2150 GWSEMI-SR2150 Datasheet
63Kb / 2P
   2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
SB220U DYELEC-SB220U Datasheet
997Kb / 2P
   2.0 AMP. Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR220 GWSEMI-SR220 Datasheet
63Kb / 2P
   2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SS210L YIXIN-SS210L Datasheet
265Kb / 2P
   2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR2200 SECOS-SR2200_15 Datasheet
303Kb / 2P
   2.0 Amp Schottky Barrier Rectifiers
logo
Bytes
SR220 BYTES-SR220 Datasheet
153Kb / 2P
   2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
SR2P50 DYELEC-SR2P50 Datasheet
3Mb / 2P
   2.0 AMP. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com