Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF21GU Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SF21GU
Description  Low forward voltage drop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SF21GU Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SF21GU Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SF21GU Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
28GU
26GU
25GU
24GU
23GU
22GU
21GU
SF21G U THRU SF28G U
60
2.0 AMP.
2.Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
3. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
Maximum Reverse Recovery Time (Note2 )
Typical Junction Capacitance (Note 3)
R
·Low forward voltage drop
·High current capability
·High reliability
·High surge current capability
Mechanical Data
· Case: Molded plastic DO-15
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
· Making: Type Number
· Lead Free: For RoHS/Lead Free Version
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL
Unit
VRM
V
VRMS
V
VDC
V
IO
A
IFSM
A
VFM
1.7
V
TRR
nS
Cj
pF
/W
Tj
TSTG
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
version:01
1of2
IR
uA
Typical Thermal Resistance Junction to
Ambient
25
Operating Temperature Range
-55 to + 150
Storage Temperature Range
-55 to + 150
At Rated DC Blocking Voltage @TA=125
100
35
40
30
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
Forward Voltage
@IF=2.0A
0.95
1.25
Peak Reverse Current
@TA=25
5.0
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Average Rectified Output Current (Note 1)
@TA=55
2.0
Features
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
420
600
400
300
200
150
100
50
280
210
140
105
70
35
600
400
300
200
150
100
50
MIN.
MIN.
DIA.
DIA.
DO-15
θJA
G lass Passiv ated Sup er Fast Rectiers
SF
SF
SF
SF
SF
SF
SF
www.dyelec.com


Similar Part No. - SF21GU

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF21G JGD-SF21G Datasheet
162Kb / 2P
   2.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
SMC Diode Solutions Co....
SF21G SMCDIODE-SF21G Datasheet
337Kb / 4P
   SF21G-SF28G SUPER FAST RECTIFIER
Rev. C
logo
Leshan Radio Company
SF21G LRC-SF21G Datasheet
261Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
logo
Sangdest Microelectroni...
SF21G SMC-SF21G Datasheet
178Kb / 6P
   All SMC parts are traceable to the wafer lot
logo
Taiwan Semiconductor Co...
SF21G TSC-SF21G Datasheet
68Kb / 2P
   2.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF21GU

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
   LOW FORWARD VOLTAGE DROP
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
logo
FCI connector
75TR10 FCI-CONNECTOR-75TR10 Datasheet
173Kb / 1P
   Low Forward Voltage Drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
   Low forward voltage drop
logo
Unisonic Technologies
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
   Low forward voltage drop
logo
Vishay Siliconix
VS-ETH1506SHM3 VISHAY-VS-ETH1506SHM3 Datasheet
126Kb / 6P
   Low forward voltage drop
Revision: 10-Jul-15
logo
Littelfuse
MBR10150CT LITTELFUSE-MBR10150CT Datasheet
596Kb / 3P
   Low forward voltage drop
MBRB2060CT LITTELFUSE-MBRB2060CT Datasheet
592Kb / 3P
   Low forward voltage drop
MBRF20200CTR LITTELFUSE-MBRF20200CTR Datasheet
622Kb / 3P
   Low forward voltage drop
logo
Sangdest Microelectroni...
189NQ135 SMC-189NQ135 Datasheet
174Kb / 4P
   Low forward voltage drop
DB151S SMC-DB151S Datasheet
142Kb / 4P
   Low forward voltage drop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com