Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX44211 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX44211
Description  Overtemperature Shutdown Active
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44211 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX44211 Datasheet HTML 6Page - Maxim Integrated Products MAX44211 Datasheet HTML 7Page - Maxim Integrated Products MAX44211 Datasheet HTML 8Page - Maxim Integrated Products MAX44211 Datasheet HTML 9Page - Maxim Integrated Products MAX44211 Datasheet HTML 10Page - Maxim Integrated Products MAX44211 Datasheet HTML 11Page - Maxim Integrated Products MAX44211 Datasheet HTML 12Page - Maxim Integrated Products MAX44211 Datasheet HTML 13Page - Maxim Integrated Products MAX44211 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Detailed Description
A common technique used to couple OFDM signals to
the AC powerline is through a signal transformer. A line
driver is needed to provide adequate levels of current and
voltage to drive the varying loads that exist on today’s
powerlines.
The MAX44211 line driver is efficient low-distortion power
amplifiers that drive high current to the low-impedance
loads common in powerline communication (PLC) appli-
cations. The output stage is designed to linearly drive up
to 1.5A peak current and a differential voltage of up to
36VP-P. They feature very intermodulation distortion to
meet the demanding requirements of today’s standards.
The MAX44211 also features two open-drain diagnostic
outputs, STATUS1 and STATUS0. These act as flags to
indicate the status of the part. Another significant feature
of the MAX44211 is its thermal monitoring and shutdown
capability. This allows the device to alert the host micro-
controller of high temperature situations and then to
automatically shut down to prevent damage should the
temperature rise further.
Output Enable
Enable the MAX44211 output by pulling TXEN high. The
amplifier outputs are fully enabled 2.4µs (typ) after TXEN
is pulled high. If a signal is applied to the IN+ and IN-
inputs during the startup time, it may be distorted and the
linearity specifications may not be met.
Bias MODE Selection
The MAX44211 linearity can be improved at the expense
of quiescent current. To meet CENELEC linearity require-
ments and save power, the MODE input is left uncon-
nected. To improve linearity and meet ARIB or FCC
requirements, the MODE input is pulled high.
Gain Selection and Output Connection
Set the MAX44211 overall gain using the G1 and G0
inputs (Table 1). The outputs, OUT+ and OUT- are inter-
nally biased at VAVDD/2 to allow for maximum voltage
swing. Therefore, the output should be A.C. coupled to
the coupling transformer to avoid DC currents flowing
in the transformer. In addition, the secondary side of the
transformer should also be AC-coupled to avoid shorting
the line input.
Protection and Diagnostics
The MAX44211 has two diagnostic status outputs:
STATUS0 and STATUS1. These are open drain outputs
that indicate the status of the device as shown in Table 2.
Both of the MAX44211 outputs are current limited. Set the
output current limit according to the following equation.
LIM
SET
60
I
R1
=
+
While RSET is in kΩ and ILIM is in ampere (see Typical
Operating Circuit).
Do not use RSET values below 23kΩ or above 250kΩ.
Note that the tolerance for the current limit is ±30% so
care must be taken to ensure that the limit is set high
enough to avoid clipping at peak loads. In addition, if the
current limit is set too high, the device may enter thermal
shutdown mode.
PIN
NAME
FUNCTION
16
STATUS1
Open-Drain Active-Low Status Output1. See Table 2 for details.
17
STATUS0
Open-Drain Active-Low Status Output0. See Table 2 for details.
18
DGND
Digital Ground
19
IN+
Positive Signal Input
20
IN-
Negative Signal Input
EP
Exposed Pad. Internally connected to AGND. Connect the EP to a copper plane to enhance
thermal dissipation.
Table 1. Voltage Gain Selection
G1
G0
GAIN (V/V)
0
0
6
0
1
12
1
0
15
1
1
18
MAX44211
High-Current Differential Line Driver
for Powerline Communications
www.maximintegrated.com
Maxim Integrated │ 10
Pin Description (continued)


Similar Part No. - MAX44211

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44211ETP++ MAXIM-MAX44211ETP+ Datasheet
653Kb / 15P
   High-Current Differential Line Driver for Powerline Communications
2017
MAX44211EVKIT MAXIM-MAX44211EVKIT Datasheet
936Kb / 10P
   Proven PCB Layout
Rev 0; 6/15
MAX44211 MAXIM-MAX44211_V01 Datasheet
653Kb / 15P
   High-Current Differential Line Driver for Powerline Communications
2017
More results

Similar Description - MAX44211

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823_10 Datasheet
627Kb / 28P
   Overtemperature Warning and Protection (Shutdown)
logo
ON Semiconductor
NCT65 ONSEMI-NCT65 Datasheet
145Kb / 7P
   Remote Trip Point Temperature Sensor with Overtemperature Shutdown
August, 2012 ??Rev. 1
logo
Littelfuse
MHP-TAM15-9-77 LITTELFUSE-MHP-TAM15-9-77 Datasheet
558Kb / 2P
   Overtemperature Protection Device
logo
National Semiconductor ...
LP3995 NSC-LP3995 Datasheet
355Kb / 14P
   Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Littelfuse
MHP-TAM15-9-72 LITTELFUSE-MHP-TAM15-9-72 Datasheet
560Kb / 2P
   Overtemperature Protection Device
MHP-TAM6-9-82 LITTELFUSE-MHP-TAM6-9-82 Datasheet
561Kb / 2P
   Overtemperature Protection Device
MHP-TAM6-9-85 LITTELFUSE-MHP-TAM6-9-85 Datasheet
561Kb / 2P
   Overtemperature Protection Device
MHP-TAM15-9-82 LITTELFUSE-MHP-TAM15-9-82 Datasheet
561Kb / 2P
   Overtemperature Protection Device
MHP-TAM15-9-85 LITTELFUSE-MHP-TAM15-9-85 Datasheet
561Kb / 2P
   Overtemperature Protection Device
MHP-TAM6-9-72 LITTELFUSE-MHP-TAM6-9-72 Datasheet
557Kb / 2P
   Overtemperature Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com