Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC74 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC74
Description  2-Wire Serial I/O Expander and Fan Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC74 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC74_14 Datasheet HTML 3Page - Micrel Semiconductor MIC74_14 Datasheet HTML 4Page - Micrel Semiconductor MIC74_14 Datasheet HTML 5Page - Micrel Semiconductor MIC74_14 Datasheet HTML 6Page - Micrel Semiconductor MIC74_14 Datasheet HTML 7Page - Micrel Semiconductor MIC74_14 Datasheet HTML 8Page - Micrel Semiconductor MIC74_14 Datasheet HTML 9Page - Micrel Semiconductor MIC74_14 Datasheet HTML 10Page - Micrel Semiconductor MIC74_14 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Micrel, Inc.
MIC74
September 30, 2014
7
Revision 3.0
Register Descriptions (Continued)
Table 6. Data Register
DATA
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
P7
P6
P5
P4
P3
P2
P1
P0
Data Register Parameters
Power-on default value: 1111 1111b, FFh
Command_byte address: 0000 0101b, 05h
Type: 8-bits, read/write
Bit name: Pn
Function: Returns the current state of
any Pn
configured as an input and the last value written to
Pn’s configured as outputs. Writing the DATA register
sets the output state of any Pn’s configured as
outputs; writes to I/O bits configured as inputs are
ignored.
Read operation: 1 = Pn is high; 0 = Pn is low
Write operation: 1 = Pn is set to ‘1’; 0 = Pn is cleared
Notes: If the FAN bit of the DEV_CFG register is set to
‘1’
(i.e.,
if
fan
mode
is
selected),
P[7:4]
are
automatically configured as open-drain outputs. They
are then referred to as /FS[2:0] and /SHDN. The state
of these pins is determined by the FAN_SPEED
register. While in fan mode, D[7:4] of the DATA
registers have no effect.
Table 7. Fan Speed Register
FAN_SPEED
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
Always write as zero
Fan Speed
Fan Speed Register Parameters
Power-on default value: 0000 0000b, 00h
Fan off
Command_byte address: 0000 0110b, 06h
Type: 8-bits, read/write
Bit name: D[0] through D[2]
Function: Determines bit-pattern on FS[2:0]
Operation: Fan speed settings (see below)
D[2:0]
Value
Output State
Fan Speed
/FS[2:0]
/SHDN
000
111
0
Off
001
110
1
Speed 1
(slowest)
010
101
1
Speed 2
011
100
1
Speed 3
100
011
1
Speed 4
101
010
1
Speed 5
110
001
1
Speed 6
111
000
1
Speed 7
(fastest)
Notes: Any time the fan speed register contains zero,
meaning the fan is shut down, and a non-zero value is
written into the fan speed register, the /FS[2:0] and
/SHDN outputs will assume the highest fan speed
state
for
approximately
one
second
(tSTART).
Following this interval, the state of the fan speed
control outputs will assume the value indicated by the
contents of FAN_SPEED. This insures that the fan will
start reliably when low speed operation is desired.
Bit Name: D[3] through D[7]
Function: Reserved
Operation: Always write as zero


Similar Part No. - MIC74_14

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7401 MICREL-MIC7401 Datasheet
5Mb / 68P
   Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
MIC7401YFL MICREL-MIC7401YFL Datasheet
5Mb / 68P
   Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
More results

Similar Description - MIC74_14

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC74 MICREL-MIC74_06 Datasheet
260Kb / 18P
   2-Wire Serial I/O Expander and Fan Controller
MIC74 MICREL-MIC74 Datasheet
142Kb / 20P
   2-Wire Serial I/O Expander and Fan Controller Advance Information
logo
Analog Devices
ADP5587 AD-ADP5587_1 Datasheet
347Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. B
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
ADP5588 AD-ADP5588_V01 Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
ADP5587 AD-ADP5587_V01 Datasheet
1Mb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. E
logo
SiGe Semiconductor, Inc...
AATIAN77 SIGE-AATIAN77 Datasheet
162Kb / 4P
   I/O Expander Switch with Serial Control
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
   I/O EXPANDER
logo
Advanced Analogic Techn...
AAT4290 ANALOGICTECH-AAT4290 Datasheet
231Kb / 12P
   I/O Expander Load Switches with Serial Control
logo
Microchip Technology
MCP23017 MICROCHIP-MCP23017_16 Datasheet
879Kb / 42P
   16-Bit I/O Expander with Serial Interface
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com