Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC59P60YV Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC59P60YV
Description  8-Bit Serial-Input Protected Latched Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC59P60YV Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC59P60YV Datasheet HTML 1Page - Micrel Semiconductor MIC59P60YV Datasheet HTML 2Page - Micrel Semiconductor MIC59P60YV Datasheet HTML 3Page - Micrel Semiconductor MIC59P60YV Datasheet HTML 4Page - Micrel Semiconductor MIC59P60YV Datasheet HTML 5Page - Micrel Semiconductor MIC59P60YV Datasheet HTML 6Page - Micrel Semiconductor MIC59P60YV Datasheet HTML 7Page - Micrel Semiconductor MIC59P60YV Datasheet HTML 8Page - Micrel Semiconductor MIC59P60YV Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MIC59P60
8-Bit Serial-Input Protected Latched Driver
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
August 4, 2015
Revision 2.0
General Description
The MIC59P60 serial-input latched driver is a high-voltage
(80V), high-current (500mA) integrated circuit comprised of
eight CMOS data latches, a bipolar Darlington transistor
driver for each latch, and CMOS control circuitry for the
common CLEAR, STROBE, CLOCK, SERIAL DATA
INPUT, and OUTPUT ENABLE functions. Additional
protection circuitry supplied on this device includes thermal
shutdown, undervoltage lockout (UVLO), and overcurrent
shutdown.
The bipolar/CMOS combination provides an extremely
low-power latch with maximum interface flexibility. The
MIC59P60 has open-collector outputs capable of sinking
500mA, and integral diodes for inductive load transient
suppression with a minimum output breakdown voltage
rating of 80V (50V sustaining). The drivers can be
operated with a split supply, where the negative supply is
down to –20V and may be paralleled for higher load
current capability.
Using a 5V logic supply, the MIC59P60 will typically
operate at better than 5MHz. With a 12V logic supply,
significantly higher speeds can be obtained. The CMOS
inputs are compatible with standard CMOS, PMOS, and
NMOS circuits. TTL circuits may require pull-up resistors.
By using the serial data output, drivers may be cascaded
for interface applications requiring additional drive lines.
Each of the eight outputs has an independent overcurrent
shutdown of 500mA. Upon over-current shutdown, the
affected channel will turn OFF, and the flag will go low until
VDD is cycled or the ENABLE/RESET pin is pulsed high.
Current pulses less t
han 2μs will not activate current
shutdown.
Temperatures above 165°C will shut down the device and
activate the error flag. The UVLO circuit prevents
operation at low VDD; hysteresis of 0.5V is provided.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• 3.3MHz minimum data input rate
• Output current shutdown (500mA typical)
• Undervoltage lockout
• Thermal shutdown
• Output fault flag
• CMOS, PMOS, NMOS, and TTL compatible
• Internal pull-up/pull-down resistors
• Low-power CMOS logic and latches
• High-voltage current sink outputs
• Output transient-protection diodes
• Single or split supply operation


Similar Part No. - MIC59P60YV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60 Datasheet
108Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60BN MICREL-MIC59P60BN Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60BN MICREL-MIC59P60BN Datasheet
108Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60BV MICREL-MIC59P60BV Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
More results

Similar Description - MIC59P60YV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_11 Datasheet
108Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42_15 Datasheet
692Kb / 13P
   8-Bit Serial-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01 Datasheet
101Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_15 Datasheet
783Kb / 11P
   8-Bit Parallel-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_15 Datasheet
688Kb / 12P
   8-Bit Parallel-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_11 Datasheet
98Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_11 Datasheet
83Kb / 8P
   8-Bit Parallel-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com