Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29LV800T70RSP Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN29LV800T70RSP
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV800T70RSP Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN29LV800T70RSP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29LV800T70RSP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29LV800T70RSP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29LV800T70RSP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29LV800T70RSP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV800T70RSP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV800T70RSP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV800T70RSP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV800T70RSP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
1
EN29LV800
Rev 0.4 Release Date: 2002/01/29
da0.
FEATURES
• Single power supply operation
- Full voltage range: 2.7-3.6 volt read and write
operations for battery-powered applications.
- Regulated voltage range: 3.0-3.6 volt read
and write operations and for compatibility with
high performance 3.3 volt microprocessors.
• Manufactured on 0.28 µm process technology
• High performance
- Access times as fast as 70 ns
• Low power consumption (typical values at 5
MHz)
- 7 mA typical active read current
- 15 mA typical program/erase current
- 1
µA typical standby current (standard access
time to active mode)
• Flexible Sector Architecture:
- One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and
fifteen 64 Kbyte sectors (byte mode)
- One 8 Kword, two 4 Kword, one 16 Kword
and fifteen 32 Kword sectors (word mode)
- Supports full chip erase
- Individual sector erase supported
- Sector protection:
Hardware locking of sectors to prevent
program or erase operations within individual
sectors
Additionally, temporary Sector Group
Unprotect allows code changes in previously
locked sectors.
• High performance program/erase speed
- Byte/Word program time: 8µs typical
- Sector erase time: 500ms typical
• JEDEC Standard program and erase
commands
• JEDEC standard DATA polling and toggle
bits feature
• Single Sector and Chip Erase
• Sector Unprotect Mode
• Embedded Erase and Program Algorithms
• Erase Suspend / Resume modes:
Read or program another Sector during
Erase Suspend Mode
• 0.28 µm double-metal double-poly
triple-well CMOS Flash Technology
• Low Vcc write inhibit < 2.5V
>100K program/erase endurance cycle
• 48-pin TSOP (Type 1)
• Commercial Temperature Range
GENERAL DESCRIPTION
The EN29LV800 is an 8-Megabit, electrically erasable, read/write non-volatile flash memory,
organized as 1,048,576 bytes or 524,288 words. Any byte can be programmed typically in 10µs.
The EN29LV800 features 3.0V voltage read and write operation, with access times as fast as 55ns to
eliminate the need for WAIT states in high-performance microprocessor systems.
The EN29LV800 has separate Output Enable ( OE ), Chip Enable ( CE ), and Write Enable (WE)
controls, which eliminate bus contention issues. This device is designed to allow either single Sector
or full chip erase operation, where each Sector can be individually protected against program/erase
operations or temporarily unprotected to erase or program. The device can sustain a minimum of
100K program/erase cycles on each Sector.
EN29LV800
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
Boot Sector Flash Memory, CMOS 3.0 Volt-only


Similar Part No. - EN29LV800T70RSP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800AB-55RBC EON-EN29LV800AB-55RBC Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800AB-55RBCP EON-EN29LV800AB-55RBCP Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800AB-55RBI EON-EN29LV800AB-55RBI Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800AB-55RBIP EON-EN29LV800AB-55RBIP Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV800T70RSP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
Eon Silicon Solution In...
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com