Electronic Components Datasheet Search |
|
DSBT2-S-DC24V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works) |
|
DSBT2-S-DC24V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works) |
3 / 3 page DS-BT 194 2. Electrical life test (resistive) Tested sample: DSBT2-S-DC12V, 6 pcs. Condition: 2 A 30 V DC resistive load, 30 cpm Circuit N.O.: No.11–13 N.C.: No. 4–6 30 V DC No. of operations, × 104 5 101520 7 6 5 4 3 2 1 0 Min. Min. Max. Max. – x – x Pick-up voltage Drop-out voltage No. of operations, × 104 20 15 10 5 100 10 0 N.C. contact N.O. contact Max. Min. Min. – x Max. – x 3. Coil temperature rise Tested sample: DSBT2-S-DC12V, 5 pcs. Measured portion: Inside the coil 4. Operate and release time characteristics Tested sample: DSBT2-S-DC5V, 10 pcs. Ambient temperature: 23 °C 73°F Without diode (T1) Coil power, mW 200 400 600 800 80 70 60 50 40 30 0 0 A 1 A 2 A T1: Operate time T2: Operate bounce time T3: Release time T4: Release bounce time Coil Coil N.O. contact N.C. contact T1 T2 T3 T4 80 100 120 6 5 4 3 2 1 0 Coil applied voltage, %V Without diode (T2) Without diode (T3) Without diode (T4) Coil applied voltage, %V 1.5 1.0 0.5 0 120 100 80 Measured terminals: 9-13 Measured terminals: 4-8 Coil applied voltage, %V 6 5 4 3 2 1 0 120 100 80 Coil applied voltage, %V 1.5 1.0 0.5 0 120 100 80 Measured terminals: 4-6 Measured terminals: 11-13 5. Distribution of pick-up and drop-out voltage Tested sample: DSBT2-S-DC5V, 50 pcs. Pick-up voltage Drop-out voltage 6. Distribution of breakdown voltage (between contacts and coil) Tested sample: DSBT2-S-DC5V, 100 pcs. 20 10 Pick-up voltage, V 5.0 4.5 4.0 3.5 3.0 2.5 2.0 Specified value: Less than 3.75 V DC Mean value (x): 3.22 V DC Max.: 3.69 V DC Min.: 2.65 V DC – – Specified value: More than 0.50 V DC Mean value (x): 1.65 V DC Max.: 2.23 V DC Min.: 0.78 V DC 20 10 3.0 2.5 2.0 1.5 1.0 0.5 0 Drop-out voltage, V – Mean: AC 5169 V Max.: AC 5800 V Min.: AC 4700 V 10 0 20 30 40 AC 6000 AC 5000 AC 4000 Breakdown voltage, V AC For Cautions for Use, see Relay Technical Information 9/1/2000 All Rights Reserved, © Copyright Matsushita Electric Works, Ltd. |
Similar Part No. - DSBT2-S-DC24V |
|
Similar Description - DSBT2-S-DC24V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |