Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC1G14DFT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC1G14DFT1G
Description  Single Inverter with Schmitt-Trigger Input
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC1G14DFT1G Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC1G14DFT1G Datasheet HTML 1Page - ON Semiconductor MC74HC1G14DFT1G Datasheet HTML 2Page - ON Semiconductor MC74HC1G14DFT1G Datasheet HTML 3Page - ON Semiconductor MC74HC1G14DFT1G Datasheet HTML 4Page - ON Semiconductor MC74HC1G14DFT1G Datasheet HTML 5Page - ON Semiconductor MC74HC1G14DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74HC1G14
http://onsemi.com
4
*Includes all probe and jig capacitance.
A 1−MHz square input wave is recommended for
propagation delay tests.
Figure 4. Switching Waveforms
Figure 5. Test Circuit
CL*
INPUT
OUTPUT
VCC
GND
50%
50%
INPUT A
OUTPUT Y
tPHL
tPLH
90%
10%
90%
10%
tTLH
tTHL
tr
tf
ORDERING INFORMATION
Device
Package
Shipping†
MC74HC1G14DFT1G
SC70−5/SC−88A/SOT−353
(Pb−Free)
3000 / Tape & Reel
NLVHC1G14DFT1G*
MC74HC1G14DFT2G
NLVHC1G14DFT2G*
MC74HC1G14DTT1G
SOT23−5/TSOP−5/SC59−5
(Pb−Free)
NLV74HC1G14DTT1G*
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - MC74HC1G14DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G14DFT1G ONSEMI-MC74HC1G14DFT1G Datasheet
79Kb / 6P
   Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
MC74HC1G14DFT1G ONSEMI-MC74HC1G14DFT1G Datasheet
172Kb / 9P
   Single Inverter with Schmitt-Trigger Input
November, 2018 ??Rev. 13
MC74HC1G14DFT1G ONSEMI-MC74HC1G14DFT1G Datasheet
248Kb / 10P
   Single Inverter with Schmitt-Trigger Input
March, 2022 ??Rev. 17
MC74HC1G14DFT1G-F22038 ONSEMI-MC74HC1G14DFT1G-F22038 Datasheet
248Kb / 10P
   Single Inverter with Schmitt-Trigger Input
March, 2022 ??Rev. 17
More results

Similar Description - MC74HC1G14DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14_18 Datasheet
172Kb / 9P
   Single Inverter with Schmitt-Trigger Input
November, 2018 ??Rev. 13
MC74HC1G14 ONSEMI-MC74HC1G14_V01 Datasheet
248Kb / 10P
   Single Inverter with Schmitt-Trigger Input
March, 2022 ??Rev. 17
MC74HC1G14 ONSEMI-MC74HC1G14 Datasheet
79Kb / 6P
   Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
   Inverter with Schmitt-trigger Input
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
   Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
HD74LV1GT14A RENESAS-HD74LV1GT14A_15 Datasheet
139Kb / 9P
   Inverter with Schmitt-trigger Input /
HD74HCT1G14 RENESAS-HD74HCT1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
logo
ON Semiconductor
NL17SZ14 ONSEMI-NL17SZ14 Datasheet
80Kb / 8P
   Single Inverter with Schmitt Trigger
May, 2003 - Rev. 4
NL17SZ14 ONSEMI-NL17SZ14_18 Datasheet
192Kb / 14P
   Single Inverter with Schmitt Trigger
November, 2018 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com