Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC244ADTG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74HC244ADTG
Description  Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC244ADTG Datasheet(HTML) 2 Page - ON Semiconductor

  MC74HC244ADTG Datasheet HTML 1Page - ON Semiconductor MC74HC244ADTG Datasheet HTML 2Page - ON Semiconductor MC74HC244ADTG Datasheet HTML 3Page - ON Semiconductor MC74HC244ADTG Datasheet HTML 4Page - ON Semiconductor MC74HC244ADTG Datasheet HTML 5Page - ON Semiconductor MC74HC244ADTG Datasheet HTML 6Page - ON Semiconductor MC74HC244ADTG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC74HC244A
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
–0.5 to +7.0
V
Vin
DC Input Voltage (Referenced to GND)
–0.5 to VCC + 0.5
V
Vout
DC Output Voltage (Referenced to GND)
–0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
±20
mA
Iout
DC Output Current, per Pin
±35
mA
ICC
DC Supply Current, VCC and GND Pins
±75
mA
IIK
Input Clamp Current (VI < 0 or VI > VCC)
±20
mA
IOK
Output Clamp Current (VO < 0 or VO > VCC)
±20
mA
PD
Power Dissipation in Still Air, SOIC Package†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
–65 to +150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(SOIC, SSOP or TSSOP Package)
260
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of
these limits are exceeded, device functionality should not be assumed, damage may occur and
reliability may be affected.
†Derating: SOIC Package: –7 mW/
_C from 65_ to 125_C
TSSOP Package: −6.1 mW/
_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
Vin, Vout
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
–55
+125
_C
tr, tf
Input Rise and Fall Time
VCC = 2.0 V
(Figure 1)
VCC = 4.5 V
VCC = 6.0 V
0
0
0
1000
500
400
ns
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - MC74HC244ADTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC244ADTG ONSEMI-MC74HC244ADTG Datasheet
115Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/ Line Receiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 11
MC74HC244ADTG ONSEMI-MC74HC244ADTG Datasheet
143Kb / 9P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
July, 2012 ??Rev. 14
More results

Similar Description - MC74HC244ADTG

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC244A INTEGRAL-IN74HC244A Datasheet
110Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
IN74HC241A INTEGRAL-IN74HC241A Datasheet
151Kb / 5P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
System Logic Semiconduc...
SL74LS244 SLS-SL74LS244 Datasheet
40Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Motorola, Inc
MC54-74HC244A MOTOROLA-MC54-74HC244A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HCT244A ONSEMI-MC74HCT244A_14 Datasheet
118Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 14
logo
Integral Corp.
IN74ACT241 INTEGRAL-IN74ACT241 Datasheet
185Kb / 4P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER /LINE RECEIVER
logo
ON Semiconductor
MC74HC244A ONSEMI-MC74HC244A Datasheet
179Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 8
logo
Integral Corp.
IN74HCT244A INTEGRAL-IN74HCT244A Datasheet
65Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
IN74ACT244 INTEGRAL-IN74ACT244 Datasheet
185Kb / 4P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
ON Semiconductor
MC74HC541A ONSEMI-MC74HC541A_14 Datasheet
117Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 9
logo
Integral Corp.
IN74LS244 INTEGRAL-IN74LS244 Datasheet
241Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com