Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC163ADG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC163ADG
Description  Presettable Counters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC163ADG Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC163ADG Datasheet HTML 1Page - ON Semiconductor MC74HC163ADG Datasheet HTML 2Page - ON Semiconductor MC74HC163ADG Datasheet HTML 3Page - ON Semiconductor MC74HC163ADG Datasheet HTML 4Page - ON Semiconductor MC74HC163ADG Datasheet HTML 5Page - ON Semiconductor MC74HC163ADG Datasheet HTML 6Page - ON Semiconductor MC74HC163ADG Datasheet HTML 7Page - ON Semiconductor MC74HC163ADG Datasheet HTML 8Page - ON Semiconductor MC74HC163ADG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 13
1
Publication Order Number:
MC74HC161A/D
MC74HC161A,
MC74HC163A
Presettable Counters
High−Performance Silicon−Gate CMOS
The MC74HC161A and HC163A are identical in pinout to the
LS161 and LS163. The device inputs are compatible with standard
CMOS outputs; with pullup resistors, they are compatible with
LSTTL outputs.
The HC161A and HC163A are programmable 4−bit binary counters
with asynchronous and synchronous reset, respectively.
Features
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1.0 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
Chip Complexity: 192 FETs or 48 Equivalent Gates
These are Pb−Free Devices
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAMS
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
1
16
1
16
1
16
HC16xAG
AWLYWW
HC
16xA
ALYWG
G
1
16
x
= 1 or 3
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - MC74HC163ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC163ADG ONSEMI-MC74HC163ADG Datasheet
352Kb / 16P
   Presettable Counters High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 11
More results

Similar Description - MC74HC163ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC163 ONSEMI-MC74HC163 Datasheet
144Kb / 16P
   Presettable Counters
June, 2001 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
   Presettable Counters
logo
Integral Corp.
IN74HC163A INTEGRAL-IN74HC163A Datasheet
190Kb / 9P
   PRESETTABLE COUNTERS
IN74HCT163A INTEGRAL-IN74HCT163A Datasheet
188Kb / 8P
   PRESETTABLE COUNTERS
IN74ACT163 INTEGRAL-IN74ACT163 Datasheet
217Kb / 7P
   PRESETTABLE COUNTERS
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A Datasheet
284Kb / 16P
   Presettable Counters
March, 2000 ??Rev. 8
logo
Integral Corp.
IN74HC161A INTEGRAL-IN74HC161A Datasheet
189Kb / 9P
   PRESETTABLE COUNTERS
logo
System Logic Semiconduc...
SL74HC163 SLS-SL74HC163 Datasheet
86Kb / 9P
   Presettable Counters
logo
National Semiconductor ...
DM74197 NSC-DM74197 Datasheet
86Kb / 4P
   PRESETTABLE BINARY COUNTERS
DM74LS197 NSC-DM74LS197 Datasheet
117Kb / 6P
   Presettable Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com