Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC393ADR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC393ADR2G
Description  Dual 4-Stage Binary Ripple Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC393ADR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC393ADR2G Datasheet HTML 1Page - ON Semiconductor MC74HC393ADR2G Datasheet HTML 2Page - ON Semiconductor MC74HC393ADR2G Datasheet HTML 3Page - ON Semiconductor MC74HC393ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HC393ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HC393ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HC393ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HC393ADR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 7
1
Publication Order Number:
MC74HC393A/D
MC74HC393A
Dual 4-Stage Binary Ripple
Counter
High−Performance Silicon−Gate CMOS
The MC74HC393A is identical in pinout to the LS393. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LSTTL outputs.
This device consists of two independent 4−bit binary ripple counters
with parallel outputs from each counter stage. A
÷ 256 counter can be
obtained by cascading the two binary counters.
Internal flip−flops are triggered by high−to−low transitions of the
clock input. Reset for the counters is asynchronous and active−high.
State changes of the Q outputs do not occur simultaneously because of
internal ripple delays. Therefore, decoded output signals are subject to
decoding spikes and should not be used as clocks or as strobes except
when gated with the Clock of the HC393A.
Features
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the JEDEC Standard No. 7 A Requirements
Chip Complexity: 236 FETs or 59 Equivalent Gates
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free and are RoHS Compliant
LOGIC DIAGRAM
Q1
Q2
Q3
Q4
CLOCK
RESET
1, 13
2, 12
3, 11
4, 10
5, 9
6, 8
PIN 14 = VCC
PIN 7 = GND
BINARY
COUNTER
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAMS
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
G or
G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
SOIC−14 NB
D SUFFIX
CASE 751A
HC393AG
AWLYWW
1
14
HC
393A
ALYW
G
G
1
14
(Note: Microdot may be in either location)
FUNCTION TABLE
Inputs
Clock
Reset
Outputs
XH
L
H
L
No Change
L
L
No Change
L
No Change
L
Advance to
Next State
TSSOP−14
SOIC−14 NB
PIN ASSIGNMENT
11
12
13
14
8
9
10
5
4
3
2
1
7
6
Q2b
Q1b
RESET b
CLOCK b
VCC
Q4b
Q3b
Q2a
Q1a
RESET a
CLOCK a
GND
Q3a
Q4a


Similar Part No. - MC74HC393ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC393ADR2G ONSEMI-MC74HC393ADR2G Datasheet
180Kb / 11P
   Dual 4?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
More results

Similar Description - MC74HC393ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC390A ONSEMI-MC74HC390A_14 Datasheet
127Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
MC84-74HC393 ONSEMI-MC84-74HC393 Datasheet
196Kb / 7P
   Dual 4-Stage Binary Ripple Counter
REV 6
logo
System Logic Semiconduc...
SL74HC393 SLS-SL74HC393 Datasheet
50Kb / 7P
   Dual 4-Stage Binary Ripple Counter
logo
ON Semiconductor
MC74HC393A ONSEMI-MC74HC393A Datasheet
188Kb / 8P
   Dual 4-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
   7-stage binary ripple counter
Rev. 03-12 November 2004
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com