Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT125ADTR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HCT125ADTR2G
Description  Quad 3-State Noninverting Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT125ADTR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HCT125ADTR2G Datasheet HTML 1Page - ON Semiconductor MC74HCT125ADTR2G Datasheet HTML 2Page - ON Semiconductor MC74HCT125ADTR2G Datasheet HTML 3Page - ON Semiconductor MC74HCT125ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74HCT125ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74HCT125ADTR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74HCT125A
http://onsemi.com
4
SWITCHING WAVEFORMS
Figure 1.
Figure 2.
OUTPUT Y
VM
VM
VM
90%
10%
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
OUTPUT Y
OUTPUT Y
OE (VI)
tPZH tPHZ
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3. Test Circuit
*Includes all probe and jig capacitance
Figure 4. Test Circuit
OUTPUT
TEST POINT
CL *
1 k
W
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ and tPZH.
DEVICE
UNDER
TEST
HIGH
IMPEDANCE
90%
10%
VM
90%
VM
10%
VCC
GND
tf
tr
tPLH
tPHL
tTLH
tTHL
INPUT A (VI)
(1/4 OF THE DEVICE)
OE
A
VCC
Y
VI = GND to 3.0 V
VM = 1.3 V


Similar Part No. - MC74HCT125ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT125ADTR2G ONSEMI-MC74HCT125ADTR2G Datasheet
169Kb / 8P
   Quad 3-State Noninverting Buffer with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
More results

Similar Description - MC74HCT125ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G125 ONSEMI-MC74VHC1G125 Datasheet
68Kb / 6P
   Noninverting 3-State Buffer
September, 2004 ??Rev. 12
MC74VHC1G126 ONSEMI-MC74VHC1G126_18 Datasheet
209Kb / 15P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 19
NL17SH126 ONSEMI-NL17SH126 Datasheet
110Kb / 5P
   Noninverting 3-State Buffer
August, 2011 ??Rev. 1
MC74VHC1G125 ONSEMI-MC74VHC1G125_18 Datasheet
194Kb / 16P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 18
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_18 Datasheet
209Kb / 15P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 19
MC74VHC1G126 ONSEMI-MC74VHC1G126_15 Datasheet
131Kb / 6P
   Noninverting 3-State Buffer
June, 2015 ??Rev. 17
MC74VHC1G126 ONSEMI-MC74VHC1G126_V01 Datasheet
144Kb / 16P
   Noninverting 3-State Buffer
April, 2022 ??Rev. 23
MC74VHC1G126 ONSEMI-MC74VHC1G126_11 Datasheet
123Kb / 6P
   Noninverting 3-State Buffer
May, 2011 ??Rev. 15
MC74VHC1G125 ONSEMI-MC74VHC1G125_12 Datasheet
126Kb / 6P
   Noninverting 3-State Buffer
December, 2012 ??Rev. 17
MC74VHC1G125 ONSEMI-MC74VHC1G125_V01 Datasheet
455Kb / 16P
   Noninverting 3-State Buffer
April, 2022 ??Rev. 21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com