Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX541 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74LCX541
Description  Low-Voltage CMOS Octal Buffer Flow Through Pinout
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX541 Datasheet(HTML) 2 Page - ON Semiconductor

  MC74LCX541_14 Datasheet HTML 1Page - ON Semiconductor MC74LCX541_14 Datasheet HTML 2Page - ON Semiconductor MC74LCX541_14 Datasheet HTML 3Page - ON Semiconductor MC74LCX541_14 Datasheet HTML 4Page - ON Semiconductor MC74LCX541_14 Datasheet HTML 5Page - ON Semiconductor MC74LCX541_14 Datasheet HTML 6Page - ON Semiconductor MC74LCX541_14 Datasheet HTML 7Page - ON Semiconductor MC74LCX541_14 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74LCX541
http://onsemi.com
2
Figure 1. Pinout: 20−Lead (Top View)
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
OE2
O0
O1
O2
O3
O4
O5
O6
O7
OE1
D0
D1
D2
D3
D4
D5
D6
D7
GND
Figure 2. Logic Diagram
OE1
1
D0
2
O0
18
D1
3
O1
17
D2
4
O2
16
D3
5
O3
15
D4
6
O4
14
D5
7
O5
13
D6
8
O6
12
D7
9
O7
11
OE2
19
PIN NAMES
Function
Output Enable Inputs
Data Inputs
3−State Outputs
Pins
OEn
Dn
On
TRUTH TABLE
Inputs
Outputs
OE1
OE2
Dn
On
L
L
L
L
L
L
H
H
X
H
X
Z
H
X
X
Z
H = High Voltage Level; L = Low Voltage Level; Z = High Impedance State;
X = High or Low Voltage Level and Transitions are Acceptable, for ICC reasons,
DO NOT FLOAT Inputs
MAXIMUM RATINGS
Symbol
Parameter
Value
Condition
Units
VCC
DC Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
−0.5
≤ VI ≤ +7.0
V
VO
DC Output Voltage
−0.5
≤ VO ≤ +7.0
Output in 3−State
V
−0.5
≤ VO ≤ VCC + 0.5
(Note 1)
V
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
+50
VO > VCC
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current Per Ground Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
MSL
Moisture Sensitivity
Level 1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Output in HIGH or LOW State. IO absolute maximum rating must be observed.


Similar Part No. - MC74LCX541_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX541 ONSEMI-MC74LCX541_12 Datasheet
128Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
More results

Similar Description - MC74LCX541_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC540A ONSEMI-74LVC540A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC541A ONSEMI-74LVC541A_15 Datasheet
104Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC573A ONSEMI-74LVC573A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
74LVC574A ONSEMI-74LVC574A Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
MC74LCX540 ONSEMI-MC74LCX540_12 Datasheet
132Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
74LVC540A ONSEMI-74LVC540A_15 Datasheet
105Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC541A ONSEMI-74LVC541A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
April, 2015 ??Rev. P0
MC74LCX541 ONSEMI-MC74LCX541_12 Datasheet
128Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
MC74LCX540 ONSEMI-MC74LCX540_V01 Datasheet
247Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
October, 2012 ??Rev. 8
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com