Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77801 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX77801
Description  Flexibility Supports Various Designs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77801 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX77801 Datasheet HTML 4Page - Maxim Integrated Products MAX77801 Datasheet HTML 5Page - Maxim Integrated Products MAX77801 Datasheet HTML 6Page - Maxim Integrated Products MAX77801 Datasheet HTML 7Page - Maxim Integrated Products MAX77801 Datasheet HTML 8Page - Maxim Integrated Products MAX77801 Datasheet HTML 9Page - Maxim Integrated Products MAX77801 Datasheet HTML 10Page - Maxim Integrated Products MAX77801 Datasheet HTML 11Page - Maxim Integrated Products MAX77801 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
PIN
NAME
FUNCTION
A1
VSYS
System (Battery) Voltage Input. Bypass to GND with a 1µF capacitor.
A2
DVS
Dynamic Voltage Scaling Logic Input. If not in use, then it must be connected to GND.
A3, B3
GND
Ground. Star-Ground Connection to System GND
A4
SDA
I2C Data I/O (High Impedance in Off State). A 1.5kΩ~2.2kΩ of pullup resistor to VIO is required.
A5
SCL
I2C Clock Input (High Impedance in Off State). A 1.5kΩ~2.2kΩ of pullup resistor to VIO is required.
B1
FB_BB
Buck-Boost Output Voltage Feedback
B2
POK
Power OK. Open-drain output asserted after buck-boost output reaches to 90% of output voltage.
Polarity is factory selectable option. Active high by default.
B4
EN
Active-High, Buck-Boost External Enable Input. An 800kΩ internal pulldown resistance to the GND.
If this pin is not used, leave it floating.
B5
VIO
I2C Supply Voltage Input. Bypass to GND with a 0.1µF capacitor. If not in use, connect to GND.
C1, D1
OUTBB
Buck-Boost Output
C2, D2
LXBB2
Buck-Boost Switching Node 2
C3, D3
PGNDBB
Buck-Boost Power Ground. Star-ground connection to system GND.
C4, D4
LXBB1
Buck-Boost Switching Node 1
C5, D5
INBB
Buck-Boost Input. Bypass to PGNDBB with a 10µF capacitor.
20-BUMP WLP (5 x 4), 0.4mm Pitch
TOP VIEW
(BUMP SIDE DOWN)
VIO
LXBB1
PGNDBB
INBB
PGNDBB
LXBB2
POK
FB_BB
LXBB1
LXBB2
INBB
OUTBB
OUTBB
GND
1
2
3
4
5
EN
SCL
DVS
VSYS
GND
SDA
A
B
C
D
+
MAX77801
MAX77801
High-Efficiency Buck-Boost Regulator
www.maximintegrated.com
Maxim Integrated │ 8
Pin Configuration
Pin Description


Similar Part No. - MAX77801

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77801 MAXIM-MAX77801 Datasheet
1Mb / 31P
   5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77801ETP+T MAXIM-MAX77801ETP+T Datasheet
1Mb / 31P
   5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77801EWP+T MAXIM-MAX77801EWP+T Datasheet
1Mb / 31P
   5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77801 MAXIM-MAX77801_V01 Datasheet
1Mb / 31P
   5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
More results

Similar Description - MAX77801

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MATRIX-M24SR STMICROELECTRONICS-MATRIX-M24SR Datasheet
408Kb / 6P
   Various antenna designs
logo
Bothhand USA, LP.
NA69R-LF BOTHHAND-NA69R-LF Datasheet
243Kb / 2P
   Half port and single port designs for maximum layout flexibility.
NS14BZ-LF BOTHHAND-NS14BZ-LF Datasheet
90Kb / 2P
   Half port and single port designs for maximum layout flexibility.
NA0069R1-LF BOTHHAND-NA0069R1-LF Datasheet
239Kb / 2P
   Half port and single port designs for maximum layout flexibility.
logo
STMicroelectronics
AN886 STMICROELECTRONICS-AN886 Datasheet
130Kb / 9P
   A customer who develops an MCU-based application needs various levels of flexibility in order
logo
ATMEL Corporation
ATAVRSB202 ATMEL-ATAVRSB202 Datasheet
386Kb / 1P
   Reference designs
logo
New Jersey Semi-Conduct...
2N4381 NJSEMI-2N4381 Datasheet
92Kb / 1P
   VARIOUS
logo
M/A-COM Technology Solu...
28370-PBD-005-A MA-COM-28370-PBD-005-A_15 Datasheet
33Kb / 1P
   Upgrading Bt837x Designs
28370-PBD-005-A MA-COM-28370-PBD-005-A Datasheet
33Kb / 1P
   Upgrading Bt837x Designs
logo
TT Electronics.
PTCR TTELEC-PTCR Datasheet
258Kb / 2P
   custom designs available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com