Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32682A0103 Datasheet(PDF) 10 Page - TDK Electronics

Part # B32682A0103
Description  Metallized Polypropylene Film Capacitors (MFP)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32682A0103 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B32682A0103 Datasheet HTML 6Page - TDK Electronics B32682A0103 Datasheet HTML 7Page - TDK Electronics B32682A0103 Datasheet HTML 8Page - TDK Electronics B32682A0103 Datasheet HTML 9Page - TDK Electronics B32682A0103 Datasheet HTML 10Page - TDK Electronics B32682A0103 Datasheet HTML 11Page - TDK Electronics B32682A0103 Datasheet HTML 12Page - TDK Electronics B32682A0103 Datasheet HTML 13Page - TDK Electronics B32682A0103 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Ordering codes and packing units (lead spacing 37.5 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Straight terminals,
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitances values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
M =
±20%
K =
±10%
J =
±5%
630
300
680.0
18.0
× 32.5 × 42.0
B32686A6684+000
192
1000.0
20.0
× 39.5 × 42.0
B32686A6105+000
128
1500.0
28.0
× 42.5 × 42.0
B32686A6155+000
216
1000
400
68.0
12.0
× 22.0 × 42.0
B32686A0683+000
288
100.0
12.0
× 22.0 × 42.0
B32686A0104+000
288
150.0
14.0
× 25.0 × 42.0
B32686A0154+000
224
220.0
16.0
× 28.5 × 42.0
B32686A0224+000
192
330.0
20.0
× 39.5 × 42.0
B32686A0334+000
128
470.0
28.0
× 37.0 × 42.0
B32686A0474+000
128
1250
450
68.0
12.0
× 22.0 × 42.0
B32686A7683+000
288
100.0
14.0
× 25.0 × 42.0
B32686A7104+000
224
150.0
16.0
× 28.5 × 42.0
B32686A7154+000
192
220.0
18.0
× 32.5 × 42.0
B32686A7224+000
192
330.0
20.0
× 39.5 × 42.0
B32686A7334+000
128
1600
500
47.0
12.0
× 22.0 × 42.0
B32686A1473+000
288
68.0
14.0
× 25.0 × 42.0
B32686A1683+000
224
100.0
18.0
× 32.5 × 42.0
B32686A1104+000
192
150.0
20.0
× 39.5 × 42.0
B32686A1154+000
192
220.0
28.0
× 37.0 × 42.0
B32686A1224+000
216
2000
550
22.0
12.0
× 22.0 × 42.0
B32686A2223+000
288
33.0
12.0
× 22.0 × 42.0
B32686A2333+000
288
47.0
14.0
× 25.0 × 42.0
B32686A2473+000
224
68.0
16.0
× 28.5 × 42.0
B32686A2683+000
192
100.0
18.0
× 32.5 × 42.0
B32686A2104+000
192
B32686
Very high pulse (wound)
Page 10 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32682A0103

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32682 EPCOS-B32682 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
B32682-A103-J189 EPCOS-B32682-A103-J189 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
B32682-A103-J289 EPCOS-B32682-A103-J289 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
B32682-A103-K189 EPCOS-B32682-A103-K189 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
B32682-A103-K289 EPCOS-B32682-A103-K289 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
More results

Similar Description - B32682A0103

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MFP-B32632634 TDK-MFP-B32632634 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP-B32692694 TDK-MFP-B32692694 Datasheet
480Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
B32686S TDK-B32686S_16 Datasheet
430Kb / 20P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686S EPCOS-B32686S Datasheet
408Kb / 22P
   Metallized Polypropylene Film Capacitors (MFP)
B32632_634 EPCOS-B32632_634 Datasheet
543Kb / 29P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32682 EPCOS-B32682 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
logo
TDK Electronics
B32694 TDK-B32694_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors (MKP/MFP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com